Electronic Components Datasheet Search
  English  ▼

X  

SD8942 Datasheet(PDF) 2 Page - SHOUDING Shouding Semiconductor

Part # SD8942
Description  600KHz, 16V竊?A Synchronous Step-Down Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOUDING [SHOUDING Shouding Semiconductor]
Direct Link  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SD8942 Datasheet(HTML) 2 Page - SHOUDING Shouding Semiconductor

  SD8942 Datasheet HTML 1Page - SHOUDING Shouding Semiconductor SD8942 Datasheet HTML 2Page - SHOUDING Shouding Semiconductor SD8942 Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SD8942 Datasheet HTML 4Page - SHOUDING Shouding Semiconductor SD8942 Datasheet HTML 5Page - SHOUDING Shouding Semiconductor SD8942 Datasheet HTML 6Page - SHOUDING Shouding Semiconductor SD8942 Datasheet HTML 7Page - SHOUDING Shouding Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SD8942
PIN CONFLGURATION
PIN DESCRIPTION
PIN
NAME
FUNCTION
1
BS
Bootstrap. A capacitor connected between SW and BST pins is required to form a
floating supply across the high-side switch driver.
2
GND
Ground
3
FB
Adjustable version feedback input. Connect FB to the center point of the external
resistor divider.
4
EN
Drive this pin to a logic-high to enable the IC. Drive to a logic-low to disable the IC
and enter micro-power shutdown mode.
5
VIN
Power supply Pin
6
SW
Switching Pin
SOT23-6
1
2
4
5
6
3
FB
BS
GND
SW
IN
EN
2
(
)
SD8942
PIN DESCRIPTION
PIN DESCRIPTION
PIN DESCRIPTION
PIN DESCRIPTION
PIN CONFLGURATION
PIN CONFLGURATION
PIN CONFLGURATION
PIN CONFLGURATION
www.shouding.net



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com