Electronic Components Datasheet Search
  English  ▼

X  

SDB9HB Datasheet(PDF) 2 Page - SHOUDING Shouding Semiconductor

Part # SDB9HB
Description  1.20MHz, 3V-24V Input High Efficiency Boost White LED Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOUDING [SHOUDING Shouding Semiconductor]
Direct Link  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SDB9HB Datasheet(HTML) 2 Page - SHOUDING Shouding Semiconductor

  SDB9HB Datasheet HTML 1Page - SHOUDING Shouding Semiconductor SDB9HB Datasheet HTML 2Page - SHOUDING Shouding Semiconductor SDB9HB Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SDB9HB Datasheet HTML 4Page - SHOUDING Shouding Semiconductor SDB9HB Datasheet HTML 5Page - SHOUDING Shouding Semiconductor SDB9HB Datasheet HTML 6Page - SHOUDING Shouding Semiconductor SDB9HB Datasheet HTML 7Page - SHOUDING Shouding Semiconductor SDB9HB Datasheet HTML 8Page - SHOUDING Shouding Semiconductor SDB9HB Datasheet HTML 9Page - SHOUDING Shouding Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PIN DESCRIPTION
PACKAGE/ORDER INFORMATION
ABSOLUTE MAXIMUM RATINGS
The SDB9HB
SDB9HB
2
(Note 1)
Input Supply Voltage………………-0.3V to 25V
EN,FB Voltages……………………..-0.3V to 6V
SW Voltage………………………..-0.3V to 30V
Power Dissipation………………………...0.6W
Thermal Resistance
θJC……………….130°C/W
Thermal Resistance
θJA……………….250°C/W
Junction Temperature(Note2)……….........160°C
Operating Temperature Range…….-40°C to 85°C
Lead Temperature(Soldering,10s)………...300°C
Storage Temperature Range……..-65°C to 150°C
ESD HBM(Human Body Mode)……………...2kV
ESD MM(Machine Mode)………………….200V
SW
GND
FB
EN
OV
VIN
TOP VIEW
6-LEAD PLASTIC SOT-23
TJMAX = 160°C,
θJA = 250°C/ W, θJC = 130°C/W
1
2
3
6
5
4
Order Part Number
Package
SOT23-6
Pin Name
Pin Number
Description
SW
1
Inductor Connection. Connect to the switched side of the external
inductor as well as the anode of the external diode. SW is high
impedance during shutdown.
GND
2
Ground Pin.
FB
3
Current-Sense Feedback Input. Connect a resistor from FB to GND to set
the LED current: I
LED=0.2V/RCS
EN
4
Enable and LED Brightness Control Input. Pull high to turn on IC.Drive EN
with a 20kHz to 1MHz unfiltered PWM dimming signal for DC LED
current that is proportional to the signal’s duty cycle.
OV
5
Over Voltage Input.
turn off the N-channel MOSFET when
V
OUT exceeds 28V .Connect OV to the output at the top of the LED string.
VIN
6
Power Supply Input. Must be closely decoupled to GND with a 1µF or
greater ceramic capacitor.
SDB9HB
Shouding
Shouding
Shouding
Shouding
Shouding
Shouding
Shouding
SDB9HB Rev1.0
www.shouding.net



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com