Electronic Components Datasheet Search
  English  ▼

X  

HM2600 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2600
Description  Highly Efficient Single-Phase Full-wave FAN Motor Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2600 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2600 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2600 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2600 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2600 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2600 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2600 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2600 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2600 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2600 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Electrical Characteristics (Unless otherwise specified, Ta = 25℃, VCC = 12 V)
Parameter
Symbol
Condition
Ratings
Unit
Min.
Typ.
Max.
Power supply current
ICC
Working
-
5
8
mA
Output Block
Source
Ron (H)
IO = 0.5A
-
0.7
1.2
Ω
Sink
Ron (L)
IO = 0.5A
-
0.5
0.8
Ω
Source + sink
Ron (H+L)
IO = 0.5A
-
1.2
2
Ω
6V Regulator Block
Regulator voltage
VREG6
5.7
6
6.3
V
Regulator output current
Iv6out
(1)
VREG6=6V
30
mA
HB Voltage
HB voltage
HB
1.71
1.8
1.89
V
HB output current
Ihbout
(2)
VHB=1.8V
20
mA
Hall input pin
Hall sensor input sensitivity
VHN
Zero peak value
(including
offset
and hysteresis)
10
20
mV
Analog I/O Section
Analog Input range
0
6.3
V
PWM Block
PWM Carrier Frequency
VPWM
20K
25K
30K
Hz
VPWM High Level Voltage
VPWMH
3.56
3.75
3.94
V
VPWM Low Level Voltage
VPWML
0.71
0.75
0.79
V
FG Output Pin
FG output pin low-level voltage
VFG
When IO = 5mA
-
0.1
0.2
V
Thermal Protection Circuit
Thermal
protection
circuit
operating temperature
TSD
Design target
-
170
-
℃
Temperature hysteresis width
ΔTSD
Design target
-
15
-
℃
Low-Voltage Detection
Low voltage detection voltage
UVLO
3.5
V
1. This current is output of internal LDO. Please do not exceed the maximum value specified.
2. This current is output of internal LDO. Please do not exceed the maximum value specified.
`



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com