Electronic Components Datasheet Search
  English  ▼

X  

HM2601 Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2601
Description  Highly Efficient Single-Phase Full-wave FAN Motor Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2601 Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2601 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2601 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2601 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2601 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2601 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2601 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2601 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2601 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2601 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Pin Configuration (Top view)
FA2200
F-GND
MOTV
VCC
SMIN
VTH
NC
FG
NC
MOTU
F-GND
VSS
NC
VREG6
H_INN
HB
H_INP
1
2
3
4
5
6
7
9
8
10
11
12
13
14
HM2601
FA2200
F-GND
MOTV
VCC
SMIN
VTH
NC
FG
NC
MOTU
VSS
NC
VREG6
H_INN
HB
H_INP
1
2
3
4
5
6
7
13
14
15
16
17
HM2601
8
9
F-GND
F-GND
20
10
11
12
18
19
F-GND
F-GND
F-GND
HTSSOP14
TSSOP20
Pin Description
HM2601
HM2601
PIN Name
Type
Description
PIN NO.
PIN NO.
1
4
MOTV
O
Motor output
2
5
VCC
Power Power supply
3
6
SMIN
I
Minimum speed setting
4
7
VTH
I
Voltage reference for thermal control
5
8
NC
Not connected
6
9
FG
O
Frequency generator
7
10
NC
Not connected
8
11
H_INP
I
Hall Sensor input, IN+
9
12
HB
O
Hall bias voltage
10
13
H_INN
I
Hall Sensor input, IN-
11
14
VREG6
O
LDO 6V output
12
15
NC
Not connected
13
16
VSS
GND
Control signal ground
14
17
MOTU
O
Motor output
F-GND
1,2,3,
18,19,20
F-GND
O
POWER MOS GND
1. VSS: Control signal ground.
2. F-GND: Power ground and thermal dissipation pad, this pin must be connected together with VSS and ground on board.
HTSSOP14
TSSOP20
HM2601



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com