Electronic Components Datasheet Search
  English  ▼

X  

RM9003B Datasheet(PDF) 1 Page - Shaanxi Reactor Microelectronics Co., Ltd.

Part # RM9003B
Description  High-voltage linear 220V/18W/external T8 tube light scheme
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.

RM9003B Datasheet(HTML) 1 Page - Shaanxi Reactor Microelectronics Co., Ltd.

  RM9003B Datasheet HTML 1Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM9003B Datasheet HTML 2Page - Shaanxi  Reactor  Microelectronics  Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RM9003B
高压线性 220V/18W/外置 T8 管灯方案
陕西亚成微电子股份有限公司
Rev 2016.11
http: // www.reactor-micro.com
产品概述:
RM9003B 是单通道 LED 恒流驱动控制芯片,可直接驱动高压 LED 灯串,输出电流由外接 SENSE 电阻
设置为 5mA~80mA,且输出电流恒定在设定值。
RM9003B 系统结构简单,外围元器件极少;外围电路无需磁性元件,多芯片串联或并联应用,芯片可
与 LED 共用 PCB 板,LED 电流可外部设定。
RM9003B 应用线路无 EMI 问题,内置 600V 高压 MOS,具有过温调节能力。
RM9003B 采用 Sot-89,ESOP-8,TO-252 封装。
系统规格:
18W/60mA
PCB:
输入电压
220Vac
输出电流
60mA
输出电压
258V
恒流精度
<±3%
效率
>85%
PF
>0.6
拓扑结构
高压线性
典型应用:
图 1
系统应用原理图


Similar Part No. - RM9003B

ManufacturerPart #DatasheetDescription
logo
Shaanxi Reactor Micro...
RM9003B REACTOR-RM9003B Datasheet
187Kb / 2P
High-voltage linear 220V/18W/T8 tube light scheme
RM9003B REACTOR-RM9003B Datasheet
187Kb / 2P
High-voltage linear E27/120V/ 4W/no stroboscopic high PF filament lamp solution
RM9003B REACTOR-RM9003B Datasheet
235Kb / 2P
High-voltage linear 220V/6W thyristor dimming high PF bulb lamp solution
RM9003B REACTOR-RM9003B Datasheet
235Kb / 3P
120V 10W thyristor dimming without stroboscopic scheme
RM9003B REACTOR-RM9003B Datasheet
232Kb / 2P
High-voltage linear E27/120V/ 6W thyristor dimming filament lamp solution
More results

Similar Description - RM9003B

ManufacturerPart #DatasheetDescription
logo
Shaanxi Reactor Micro...
RM9000B REACTOR-RM9000B Datasheet
210Kb / 2P
High-voltage linear 220V/30W flood light solution
RM9001A_12W REACTOR-RM9001A_12W Datasheet
250Kb / 2P
High-voltage linear 220V/12W flood light solution
RM9001A_30W REACTOR-RM9001A_30W Datasheet
302Kb / 2P
High-voltage linear 220V/30W flood light solution
RM9003B REACTOR-RM9003B Datasheet
187Kb / 2P
High-voltage linear 220V/18W/T8 tube light scheme
RM9001D REACTOR-RM9001D Datasheet
436Kb / 2P
High-voltage linear 220V/10W flood light solution
RM9001D REACTOR-RM9001D_1 Datasheet
527Kb / 2P
High-voltage linear 220V/70W flood light solution
RM9001D REACTOR-RM9001D_2 Datasheet
496Kb / 2P
High-voltage linear 220V/50W flood light solution
RM9001D REACTOR-RM9001D_3 Datasheet
501Kb / 2P
High-voltage linear 220V/30W flood light solution
RM9003T REACTOR-RM9003T_3 Datasheet
183Kb / 2P
High-voltage linear 220V/30W flood light solution
RM9003T REACTOR-RM9003T_4 Datasheet
189Kb / 2P
High-voltage linear 220V/100W flood light solution
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com