Electronic Components Datasheet Search
  English  ▼

X  

RM9003S Datasheet(PDF) 1 Page - Shaanxi Reactor Microelectronics Co., Ltd.

Part # RM9003S
Description  High-voltage linear 120V/9W thyristor dimming high PF bulb lamp solution
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.

RM9003S Datasheet(HTML) 1 Page - Shaanxi Reactor Microelectronics Co., Ltd.

  RM9003S Datasheet HTML 1Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM9003S Datasheet HTML 2Page - Shaanxi  Reactor  Microelectronics  Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RM9005B+RM9003S
高压线性 120V/9W 可控硅调光高 PF 球泡灯方案
陕西亚成微电子股份有限公司
Rev 2016.11
http: // www.reactor-micro.com
产品概述:
RM9005B 是双通道 LED 恒流驱动控制芯片,可直接驱动高压 LED 灯串,输出电流由外接 SENSE 电阻
设置为 5mA~60mA,且输出电流恒定在设定值。
RM9005B 系统结构简单,外围元器件极少,外围电路无需磁性元件,多芯片并联应用,芯片可与 LED
共用 PCB 板,LED 电流可外部设定。
RM9005B 应用线路无 EMI 问题,内置 400V 高压 MOS,具有过温调节能力
RM9005B 采用 ESOP-8 封装。
系统规格:
9W/50mA
PCB:
输入电压
120Vac
输出电流
50mA
输出电压
135V
恒流精度
<±3%
效率
>75%
PF
>0.8
拓扑结构
高压线性
典型应用:
图 1
系统应用原理图


Similar Part No. - RM9003S

ManufacturerPart #DatasheetDescription
logo
Shaanxi Reactor Micro...
RM9003S REACTOR-RM9003S Datasheet
181Kb / 2P
High-voltage linear 220V/3W bulb lamp solution
RM9003S REACTOR-RM9003S Datasheet
164Kb / 2P
High-voltage linear E14/220V/4W/13mA filament lamp solution
RM9003S REACTOR-RM9003S Datasheet
187Kb / 2P
High-voltage linear E14/120V/ 4W/24mA filament lamp solution
RM9003S REACTOR-RM9003S Datasheet
186Kb / 2P
High-voltage linear 220V/5W bulb lamp solution
RM9003S REACTOR-RM9003S_1 Datasheet
164Kb / 2P
High-voltage linear E14/220V/4W/13mA filament lamp solution
More results

Similar Description - RM9003S

ManufacturerPart #DatasheetDescription
logo
Shaanxi Reactor Micro...
RM9005C REACTOR-RM9005C Datasheet
235Kb / 2P
High-voltage linear 220V/6W thyristor dimming high PF bulb lamp solution
RM9005D REACTOR-RM9005D Datasheet
245Kb / 2P
High-voltage linear 120V/9W thyristor dimming high PF bulb lamp solution
RM9005D_E12 REACTOR-RM9005D_E12 Datasheet
164Kb / 2P
High-voltage linear E12/120V/ 4W thyristor dimming filament lamp solution
RM9005D_E14 REACTOR-RM9005D_E14 Datasheet
186Kb / 2P
High-voltage linear E14/120V/ 4W thyristor dimming filament lamp solution
RM9005D_E27 REACTOR-RM9005D_E27 Datasheet
177Kb / 2P
High-voltage linear E27/120V/ 4W thyristor dimming filament lamp solution
RM9006A_9W REACTOR-RM9006A_9W Datasheet
191Kb / 2P
High-voltage linear / 220V / 9W three-way switch dimming IC bulb lamp solution
RM9036B REACTOR-RM9036B Datasheet
232Kb / 2P
High-voltage linear E27/120V/ 6W thyristor dimming filament lamp solution
RM9003T REACTOR-RM9003T Datasheet
163Kb / 2P
High-voltage linear 220V/9W bulb lamp solution
RM9003T REACTOR-RM9003T_1 Datasheet
197Kb / 2P
High-voltage linear 120V/9W bulb lamp solution
RM9003T REACTOR-RM9003T_2 Datasheet
195Kb / 2P
High-voltage linear 120V/9W high PF bulb lamp solution
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com