Electronic Components Datasheet Search
  English  ▼

X  

RM9003B Datasheet(PDF) 2 Page - Shaanxi Reactor Microelectronics Co., Ltd.

Part # RM9003B
Description  High-voltage linear E27/120V/ 4W/no stroboscopic high PF filament lamp solution
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.

RM9003B Datasheet(HTML) 2 Page - Shaanxi Reactor Microelectronics Co., Ltd.

  RM9003B Datasheet HTML 1Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM9003B Datasheet HTML 2Page - Shaanxi  Reactor  Microelectronics  Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RM9005B+RM9003B+RM9010B
高压线性 E27/120V/ 4W/无频闪高 PF 灯丝灯方案
陕西亚成微电子股份有限公司
Rev 2016.11
http: // www.reactor-micro.com
系统 BOM 清单:
位号
元件类型
规格描述
封装尺寸
数量
厂家
U1
IC
RM9005B
ESOP8
1
亚成微
U2
IC
RM9003B
TO-252
1
亚成微
U3
IC
RM9010B
ESOP8
1
亚成微
RF1
抗浪涌电阻
68R/0.5W
插件
1
DB1
整流桥
MB6S
SOIC-4
1
C1
电解电容
33UF/160V
插件
1
CBB
CBB 电容
334/250V
插件
1
C2
贴片电容
1UF /50V
0805
1
R1
贴片电阻
1.2K/5%
1206
1
R2
贴片电阻
1.5K/5%
1206
1
R3
贴片电阻
100R/1%
1206
1
R4
贴片电阻
33R/1%
0805
1
R5
贴片电阻
18R/1%
1206
1
R6
贴片电阻
9.1R/1%
1206
1
R7
贴片电阻
120K/5%
1206
1
R8
贴片电阻
22R/1%
0805
1
R9
贴片电阻
15K/5%
0805
1
R10
贴片电阻
200K/5%
0805
1
LED
灯丝
65V/1W
4
电源
1.2mm 厚
1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com