Electronic Components Datasheet Search
  English  ▼

X  

RM9005D Datasheet(PDF) 1 Page - Shaanxi Reactor Microelectronics Co., Ltd.

Part # RM9005D
Description  High-voltage linear E12/120V/ 4W thyristor dimming filament lamp solution
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.

RM9005D Datasheet(HTML) 1 Page - Shaanxi Reactor Microelectronics Co., Ltd.

  RM9005D Datasheet HTML 1Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM9005D Datasheet HTML 2Page - Shaanxi  Reactor  Microelectronics  Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RM9005D
高压线性 E12/120V/ 4W 可控硅调光灯丝灯方案
陕西亚成微电子股份有限公司
Rev 2016.11
http: // www.reactor-micro.com
产品概述:
RM9005D 是双通道 LED 恒流驱动控制芯片,可直接驱动高压 LED 灯串,输出电流由外接 SENSE 电阻
设置为 5mA~60mA,且输出电流恒定在设定值。
RM9005D 系统结构简单,外围元器件极少;外围电路无需磁性元件,多芯片并联应用,芯片可与 LED
共用 PCB 板,LED 电流可外部设定。
RM9005D 应用线路无 EMI 问题,内置 500V 高压 MOS,具有过温调节能力。
RM9005D 采用 ESOP-8 封装。
系统规格:
4W/20mA
PCB:
输入电压
120Vac
输出电压
130V
输出电流
20mA
恒流精度
<±3%
效率
>70%
PF
≥0.9
拓扑结构
高压线性
典型应用:
1
1
2
2
3
3
4
4
D
D
C
C
B
B
A
A
Title
Number
Revision
Size
A4
Date:
2016/12/15
Sheet
of
File:
G:\应用资料\..\120V-E12-4W-可控硅调光-灯丝灯-高PF-RM9005D 版方案.SchDoc
Drawn By:
AC
1
AC
2
V+
3
V-
4
BD1
LX10M
R1
1.2M-5%
GND
L
N
V+
V-
FR1
20R/0.5W
LED2
65V/1W
LED4
65V/1W
LED1
65V/1W
LED3
65V/1W
R2
30K-5%
GND
3
Q1
7
REXT1
2
Q2
5
NC
8
GND
1
NC
6
REXT2
4
U1
RM9005
Q1
2306
R4
20R-1%
R3
18R-5%
GND
GND
GND
C1
4.7uF/25V
图 1
系统应用原理图


Similar Part No. - RM9005D

ManufacturerPart #DatasheetDescription
logo
Shaanxi Reactor Micro...
RM9005D REACTOR-RM9005D Datasheet
245Kb / 2P
High-voltage linear 120V/9W thyristor dimming high PF bulb lamp solution
RM9005D REACTOR-RM9005D Datasheet
186Kb / 2P
High-voltage linear E14/120V/ 4W thyristor dimming filament lamp solution
RM9005D REACTOR-RM9005D Datasheet
177Kb / 2P
High-voltage linear E27/120V/ 4W thyristor dimming filament lamp solution
RM9005D_E14 REACTOR-RM9005D_E14 Datasheet
186Kb / 2P
High-voltage linear E14/120V/ 4W thyristor dimming filament lamp solution
RM9005D_E27 REACTOR-RM9005D_E27 Datasheet
177Kb / 2P
High-voltage linear E27/120V/ 4W thyristor dimming filament lamp solution
More results

Similar Description - RM9005D

ManufacturerPart #DatasheetDescription
logo
Shaanxi Reactor Micro...
RM9005B REACTOR-RM9005B Datasheet
241Kb / 2P
High-voltage linear 120V/9W thyristor dimming high PF bulb lamp solution
RM9005B_4W REACTOR-RM9005B_4W Datasheet
187Kb / 2P
High-voltage linear E27/120V/ 4W/no stroboscopic high PF filament lamp solution
RM9005D REACTOR-RM9005D Datasheet
245Kb / 2P
High-voltage linear 120V/9W thyristor dimming high PF bulb lamp solution
RM9005D_E14 REACTOR-RM9005D_E14 Datasheet
186Kb / 2P
High-voltage linear E14/120V/ 4W thyristor dimming filament lamp solution
RM9005D_E27 REACTOR-RM9005D_E27 Datasheet
177Kb / 2P
High-voltage linear E27/120V/ 4W thyristor dimming filament lamp solution
RM9005E REACTOR-RM9005E Datasheet
206Kb / 2P
High-voltage linear E27/220V/4W thyristor dimming lamp lamp solution
RM9006A_6W REACTOR-RM9006A_6W Datasheet
208Kb / 2P
High-voltage linear E27/120V/6W dual-segment IC dimming filament lamp solution
RM9036B REACTOR-RM9036B Datasheet
232Kb / 2P
High-voltage linear E27/120V/ 6W thyristor dimming filament lamp solution
RM9003S REACTOR-RM9003S_2 Datasheet
187Kb / 2P
High-voltage linear E14/120V/ 4W/24mA filament lamp solution
RM9003T REACTOR-RM9003T_5 Datasheet
168Kb / 2P
High-voltage linear E27/120V/ 4W/25mA filament lamp solution
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com