Electronic Components Datasheet Search
  English  ▼

X  

RM9005D Datasheet(PDF) 2 Page - Shaanxi Reactor Microelectronics Co., Ltd.

Part # RM9005D
Description  High-voltage linear E14/120V/ 4W thyristor dimming filament lamp solution
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.

RM9005D Datasheet(HTML) 2 Page - Shaanxi Reactor Microelectronics Co., Ltd.

  RM9005D Datasheet HTML 1Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM9005D Datasheet HTML 2Page - Shaanxi  Reactor  Microelectronics  Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RM9005D
高压线性 E14/120V/ 4W 可控硅调光灯丝灯方案
陕西亚成微电子股份有限公司
Rev 2016.11
http: // www.reactor-micro.com
系统 BOM 清单:
位号
元件类型
规格描述
封装尺寸
数量
厂家
U1
IC
RM9005D
ESOP-8
1
亚成微
ZR1
抗浪涌电阻
20R/0.5W
插件
1
DB1
整流桥
MB10F
SMD
1
R1
贴片电阻
1.2M/5%
1206
1
R2
贴片电阻
30K/5%
1206
1
C1
贴片电容
4.7uF/25V
0805
1
R3
贴片电阻
18R/1%
1206
1
R4
贴片电阻
20R/1%
1206
1
Q1
贴片 MOS
AP2306
Sot-23
1
R5
贴片电阻
100R/5%
1206
1
LED
灯丝
65V/1W
4
电源
14mm*14mm 玻纤
1.0mm 厚
1
备注:抗浪涌电阻直接接在交流输入线上,见原理图连接方式。



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com