Electronic Components Datasheet Search
  English  ▼

X  

RM9006D Datasheet(PDF) 1 Page - Shaanxi Reactor Microelectronics Co., Ltd.

Part # RM9006D
Description  High-voltage linear / 220V / 9W two-way switch dimming IC bulb lamp solution
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.

RM9006D Datasheet(HTML) 1 Page - Shaanxi Reactor Microelectronics Co., Ltd.

  RM9006D Datasheet HTML 1Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM9006D Datasheet HTML 2Page - Shaanxi  Reactor  Microelectronics  Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RM9006D
高压线性/220V/9W 两路开关调光 IC 球泡灯方案
陕西亚成微电子股份有限公司
Rev 2017.07
http: // www.reactor-micro.com
产品概述:
RM9006D 是一款可分段调节亮度/色温的 LED 恒流驱动芯片,恒流精度可达±5%,在分段调节亮度
应用中,可根据开启关闭电源开关,依次改变LED 灯的亮度,调节比例可以通过外接REXT电阻调整。
在分段调节色温应用中,可以根据开启关闭电源开关,依次改变两路输出端口开关状态,实现两路不同
颜色 LED 灯的交替亮灭以实现调节色温的目的,调节外接 REXT 电阻可对输出功率进行调节。
RM9006D采用 ESOP-8 封装。
系统规格:
9W/30mA
输入电压
220Vac
输出电压
270V
输入电流
30mA
恒流精度
<±3%
效率
>80%
拓扑结构
高压线性
PCB:
典型应用:
LED2
LED1
LED3
LED4
LED15
AC
AC
ZR
MB1
C1
1/VDD
2/VCC
3/RE1
4/RE2
5/OUT2
6/OUT1
7/NC
8/VIN
RM9006D
U1
LED2
LED1
LED3
LED4
LED15
GND
R1
C2
C3
R3
R4
R2
图


Similar Part No. - RM9006D

ManufacturerPart #DatasheetDescription
logo
Shaanxi Reactor Micro...
RM9006A REACTOR-RM9006A Datasheet
221Kb / 2P
High-voltage linear E27/220V/6W dual-segment IC dimming filament lamp solution
RM9006A REACTOR-RM9006A Datasheet
208Kb / 2P
High-voltage linear E27/120V/6W dual-segment IC dimming filament lamp solution
RM9006A REACTOR-RM9006A Datasheet
191Kb / 2P
High-voltage linear / 220V / 9W three-way switch dimming IC bulb lamp solution
RM9006A_6W REACTOR-RM9006A_6W Datasheet
208Kb / 2P
High-voltage linear E27/120V/6W dual-segment IC dimming filament lamp solution
RM9006A_9W REACTOR-RM9006A_9W Datasheet
191Kb / 2P
High-voltage linear / 220V / 9W three-way switch dimming IC bulb lamp solution
More results

Similar Description - RM9006D

ManufacturerPart #DatasheetDescription
logo
Shaanxi Reactor Micro...
RM9003E REACTOR-RM9003E Datasheet
222Kb / 2P
High-voltage linear 220V/15W bulb lamp solution
RM9005B REACTOR-RM9005B Datasheet
241Kb / 2P
High-voltage linear 120V/9W thyristor dimming high PF bulb lamp solution
RM9005C REACTOR-RM9005C Datasheet
235Kb / 2P
High-voltage linear 220V/6W thyristor dimming high PF bulb lamp solution
RM9005D REACTOR-RM9005D Datasheet
245Kb / 2P
High-voltage linear 120V/9W thyristor dimming high PF bulb lamp solution
RM9006A_9W REACTOR-RM9006A_9W Datasheet
191Kb / 2P
High-voltage linear / 220V / 9W three-way switch dimming IC bulb lamp solution
RM9006B REACTOR-RM9006B Datasheet
260Kb / 2P
High-voltage linear / 220V / 9W three-way switch dimming IC bulb lamp solution
RM9003S REACTOR-RM9003S_3 Datasheet
186Kb / 2P
High-voltage linear 220V/5W bulb lamp solution
RM9003T REACTOR-RM9003T Datasheet
163Kb / 2P
High-voltage linear 220V/9W bulb lamp solution
RM9003T REACTOR-RM9003T_1 Datasheet
197Kb / 2P
High-voltage linear 120V/9W bulb lamp solution
RM9003T REACTOR-RM9003T_8 Datasheet
169Kb / 2P
High-voltage linear 220V/12W bulb lamp solution
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com