Electronic Components Datasheet Search
  English  ▼

X  

RM1N50 Datasheet(PDF) 2 Page - Shaanxi Reactor Microelectronics Co., Ltd.

Part # RM1N50
Description  High voltage linear 120/220V 6W full voltage filament lamp solution
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.

RM1N50 Datasheet(HTML) 2 Page - Shaanxi Reactor Microelectronics Co., Ltd.

  RM1N50 Datasheet HTML 1Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM1N50 Datasheet HTML 2Page - Shaanxi  Reactor  Microelectronics  Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RM9026A
高压线性 120/220V
6W 全电压灯丝灯方案
陕西亚成微电子股份有限公司
Rev 2017.10
http: // www.reactor-micro.com
系统 BOM 清单:
位号
元件类型
规格描述
封装尺寸
数量
厂家
U1
IC
RM9026A
ESOP-8
1
亚成微
Q1
MOS
RM1N50
SOT23-3
1
亚成微
FR1,
绕线保险电阻
47R,1W
SMD
1
MV2
压敏电阻
7D471K
SOP-4
1
BD1
整流桥
NB6F,600V,1A
DIP
1
C1,
电解电容
10uF,400V,±10%
SMD0805
1
C2
贴片电容
225,50V,±10%
SMD1206
1
R3,R7
贴片电阻
33R,1/4W,±1%
SMD1206
1
R9,R4
贴片电阻
0Ω,1/4W,±5%
SMD1206
2
R1,R5
贴片电阻
560kΩ,1/4W,±5%
SMD1206
1
R2
贴片电阻
3.3kΩ,1/4W,±5%
SMD1206
2
R10
贴片电阻
2.2MΩ,1/4W,±5% SMD1206
1
R6
贴片电阻
620KΩ,1/4W,±5% SMD1206
2
R8
贴片电阻
1MΩ,1/4W,±5%
SMD1206
1
Z1
二极管
18V 0.5W ±5%
SMD2835
14
D1,D3
稳压管
A7
SOD123
1
LED1-LED4
灯珠
65V,23mA,2 串 2 并
SMD2835
4
备注:抗浪涌电阻直接接在交流输入线上,见原理图连接方式。



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com