Electronic Components Datasheet Search
  English  ▼

X  

RM9032A Datasheet(PDF) 1 Page - Shaanxi Reactor Microelectronics Co., Ltd.

Part # RM9032A
Description  120V 10W thyristor dimming without stroboscopic scheme
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.

RM9032A Datasheet(HTML) 1 Page - Shaanxi Reactor Microelectronics Co., Ltd.

  RM9032A Datasheet HTML 1Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM9032A Datasheet HTML 2Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM9032A Datasheet HTML 3Page - Shaanxi  Reactor  Microelectronics  Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RM9032A+RM9033C
120V 10W 可控硅调光无频闪方案
陕西亚成微电子股份有限公司
Rev 2017.10
http: // www.reactor-micro.com
产品概述:
RM9032A 是单通道 LED 恒流驱动控制芯片, 可直接驱动高压 LED 灯串,输出电流由外接电阻设置为
5mA~120mA,且输出电流恒定在设定值。芯片系统结构简单,芯片有 DIM 调光端口,可以配合数字
模块做调光应用。
RM9032A 应用线路无 EMI 问题,内置 600V 高压 MOS,具有过温调节能力。
RM9032A 采用 ESOP-8 封装。
系统规格:10W/59mA
输入电压
120V AC
输出电压
126V
输出电流
59mA
恒流精度
≤3%
效率
≥80%
PF
≥0.87
拓扑结构
高压线性
PCB:


Similar Part No. - RM9032A

ManufacturerPart #DatasheetDescription
logo
Shaanxi Reactor Micro...
RM9036B REACTOR-RM9036B Datasheet
232Kb / 2P
High-voltage linear E27/120V/ 6W thyristor dimming filament lamp solution
More results

Similar Description - RM9032A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LTK5128 ETC2-LTK5128 Datasheet
698Kb / 10P
FM scheme
logo
Shenzhen Tianyuan Semic...
TP8121 TPOWER-TP8121 Datasheet
471Kb / 8P
Switch dimming stroboscopic linear constant current LED driver
logo
Shaanxi Reactor Micro...
RM9005B REACTOR-RM9005B Datasheet
241Kb / 2P
High-voltage linear 120V/9W thyristor dimming high PF bulb lamp solution
RM9005B_4W REACTOR-RM9005B_4W Datasheet
187Kb / 2P
High-voltage linear E27/120V/ 4W/no stroboscopic high PF filament lamp solution
RM9005D REACTOR-RM9005D Datasheet
245Kb / 2P
High-voltage linear 120V/9W thyristor dimming high PF bulb lamp solution
RM9005D_E12 REACTOR-RM9005D_E12 Datasheet
164Kb / 2P
High-voltage linear E12/120V/ 4W thyristor dimming filament lamp solution
RM9005D_E14 REACTOR-RM9005D_E14 Datasheet
186Kb / 2P
High-voltage linear E14/120V/ 4W thyristor dimming filament lamp solution
RM9005D_E27 REACTOR-RM9005D_E27 Datasheet
177Kb / 2P
High-voltage linear E27/120V/ 4W thyristor dimming filament lamp solution
RM9036B REACTOR-RM9036B Datasheet
232Kb / 2P
High-voltage linear E27/120V/ 6W thyristor dimming filament lamp solution
logo
Shenzhen Huazhimei Semi...
HM7161 HMSEMI-HM7161 Datasheet
728Kb / 9P
Dimming stroboscopic scheme application circuit
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com