Electronic Components Datasheet Search
  English  ▼

X  

RM1N50 Datasheet(PDF) 2 Page - Shaanxi Reactor Microelectronics Co., Ltd.

Part # RM1N50
Description  High voltage linear 120/220V 50W full voltage flood light solution
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.

RM1N50 Datasheet(HTML) 2 Page - Shaanxi Reactor Microelectronics Co., Ltd.

  RM1N50 Datasheet HTML 1Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM1N50 Datasheet HTML 2Page - Shaanxi  Reactor  Microelectronics  Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RM9026A
高压线性 120/220V 50W 全电压投光灯方案
陕西亚成微电子股份有限公司
Rev 2017.10
http: // www.reactor-micro.com
系统 BOM 清单:
位号
元件类型
规格描述
封装尺寸
数量
厂家
U1-U5
IC
RM9026A
ESOP-8
5
亚成微
Q1
MOS
RM1N50
SOT23-3
1
亚成微
BD1
整流桥
DB107S,600V,1A
SOP-4
1
C1,
贴片电容
100nF,500V,±10% SMD1206
1
CSP1…CSP5
贴片电容
105,50V,±10%
SMD0805
5
RS1,RS2…RS9,RS10
贴片电阻
8.2R,1/4W,±1%
SMD1206
10
R6,R8…R14
贴片电阻
560kΩ,1/4W,±5%
SMD1206
5
R7,R9…R15
贴片电阻
3.9kΩ,1/4W,±5%
SMD1206
5
R20
贴片电阻
0Ω,1/4W,±5%
SMD1206
1
RSP1…RSP5
贴片电阻
1.8MΩ,1/4W,±5% SMD1206
5
RSCP5
贴片电阻
560kΩ,1/4W,±5%
SMD1206
1
RCP1...RCP5
贴片电阻
1MΩ,1/4W,±5%
SMD1206
5
D6,D7
二极管
ES1J
SMD
2
LED1-LED
灯珠
18V,60mA,14 串 4 并 SMD2835
56
备注:抗浪涌电阻直接接在交流输入线上,见原理图连接方式。



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com