Electronic Components Datasheet Search
  English  ▼

X  

RM9003B Datasheet(PDF) 3 Page - Shaanxi Reactor Microelectronics Co., Ltd.

Part # RM9003B
Description  120V 10W thyristor dimming without stroboscopic scheme
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.

RM9003B Datasheet(HTML) 3 Page - Shaanxi Reactor Microelectronics Co., Ltd.

  RM9003B Datasheet HTML 1Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM9003B Datasheet HTML 2Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM9003B Datasheet HTML 3Page - Shaanxi  Reactor  Microelectronics  Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RM9032A+RM9033C
120V 10W 可控硅调光无频闪方案
陕西亚成微电子股份有限公司
Rev 2017.10
http: // www.reactor-micro.com
R10
贴片电阻
47K,1/8W,±5%
SMD0805
1
R11
贴片电阻
12R,1/4W,±5%
SMD1206
1
C1
CBB 电容
220nF,250V,±5%
DIP
1
C2
电解电容
47uF,160V,±5%
DIP
1
C3
贴片电容
1uF,25V,±5%
SMD1206
1
备注:抗浪涌电阻直接接在交流输入线上,见原理图连接方式。



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com