Electronic Components Datasheet Search
  English  ▼

X  

HM2602 Datasheet(PDF) 8 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2602
Description  Highly Efficient Single-Phase Full-wave FAN Motor Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2602 Datasheet(HTML) 8 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM2602 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2602 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2602 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2602 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2602 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2602 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2602 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2602 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2602 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Application notes:
1. Power and ground lines
F-GND and VSS should be connected together on board.
2. Power supply bypass capacitor & TVS zener diodes
The capacitor C1on VCC provides power supply stabilization for both PWM drive and kickback
absorption. When a diode is used to prevent destruction of controller IC from reverse connection, please
make sure to add capacitor C1 for routing of regenerative current, In order to protect surge voltage
damage, please insert a TVS zener diode between GND and VCC.
3. Hall input
The Hall sensor input circuit consists of a comparator with hysteresis of 20mV. Hall sensor input level
with at least three times of this hysteresis, i.e. at least 60mVp-p is recommended.
4. FG output
This is an open collector output, the pin must be left open if unused. FG output is used to reflect rotation
count, which corresponds to the phase switching. When lock protection , it will be zero all the time.
5. HB pin
This pin provides constant-voltage output of 1.25V for hall effect sensor biasing.
6. SMIN pin
This pin is used to set minimum speed by adjusting external resistors.
SMIM can only be used in 12V application. If 24V application, please connect 1M ohm resistor to VCC.
7. Motor capacitor
Insert a capacitor between the MOTU and MOTV pin if the noise is a problem.
8. Motor terminal schottky diode
Please insert schottky diode between the motor terminal and VCC for bigger current.
9. Motor terminal zener diode
Please insert zener diode between the motor terminal and VSS for routing of regenerative current
HM2602



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com