Electronic Components Datasheet Search
  English  ▼

X  

HM3132 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM3132
Description  Chip Data Sheet V1.0
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM3132 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM3132 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3132 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3132 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3132 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3132 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3132 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3132 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3132 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3132 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
5. 结构框图
OUT
VDD
误差放大器
逻辑控制
OSC振荡器
CT
GND
VDD
FB
UVLO
ADJ
VREF=1.35V
比较器
GND
14
13
7
16
2
15
3
5
驱
动
驱
动
200K
脉
冲
滤
波
电
平
位
移
闭锁电路、
死区时间电路
200K
+5V
HIN 4
SD 5
LIN 4
LO
8
VCC
9
VS
10
HO
11
VB
12
图 5-1.
结构框图
高压大电流降压型开关电源芯片



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com