Electronic Components Datasheet Search
  English  ▼

X  

LP358DE4 Datasheet(PDF) 2 Page - Texas Instruments

Part # LP358DE4
Description  ULTRA-LOW-POWER DUAL OPERATIONAL AMPLIFIERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP358DE4 Datasheet(HTML) 2 Page - Texas Instruments

  LP358DE4 Datasheet HTML 1Page - Texas Instruments LP358DE4 Datasheet HTML 2Page - Texas Instruments LP358DE4 Datasheet HTML 3Page - Texas Instruments LP358DE4 Datasheet HTML 4Page - Texas Instruments LP358DE4 Datasheet HTML 5Page - Texas Instruments LP358DE4 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.ti.com
VCC
OUT
IN−
IN+
Absolute Maximum Ratings
(1)
ESD Protection
LP358, LP2904
ULTRA-LOW-POWER DUAL OPERATIONAL AMPLIFIERS
SLOS475 – AUGUST 2005
SCHEMATIC (EACH AMPLIFIER)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range(2)
±16 or 32
V
VID
Differential input voltage(3)
±32
V
VI
Input voltage (either input)
–0.3
32
V
Duration of output short circuit (one amplifier) to ground at (or below) TA = 25°C, VCC ≤ 15 V(4)
Unlimited
D package
97
θ
JA
Package thermal impedance(5)(6)
°C/W
DGK package
172
TJ
Operating virtual junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values (except differential voltages and VCC specified for the measurement of IOS) are with respect to the network GND.
(3)
Differential voltages are at IN+, with respect to IN–.
(4)
Short circuits from outputs to VCC can cause excessive heating and eventual destruction.
(5)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(6)
The package thermal impedance is calculated in accordance with JESD 51-7.
TEST CONDITIONS
TYP
UNIT
Human-Body Model
±2
kV
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com