Electronic Components Datasheet Search
  English  ▼

X  

78L05FS Datasheet(PDF) 2 Page - KIA Semiconductor Technology

Part # 78L05FS
Description  THREE TERMINAL POSITIVE VOLTAGE REGULATORS 5V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology

78L05FS Datasheet(HTML) 2 Page - KIA Semiconductor Technology

  78L05FS Datasheet HTML 1Page - KIA Semiconductor Technology 78L05FS Datasheet HTML 2Page - KIA Semiconductor Technology 78L05FS Datasheet HTML 3Page - KIA Semiconductor Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
THREE TERMINAL POSITIVE
VOLTAGE REGULATORS 5V
KIA
SEMICONDUCTORS
78L05FS
4. Electrical characteristics
(unless otherwise noted,VIN=10V,IOUT=40mA,CIN=0.33uF,COUT=0.1uF,TJ=25°C)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Output voltage
V
B
OUT
B
T
B
j
B
=25
°C
4.825
5.0
5.175
V
7V<VIN<20V,IO=5mA~150mA(*)
4.75
5.0
5.25
Line regulation
Reg line
Tj=25
°C
7V<VIN<20V
-
30
100
mV
8V<VIN<20V
-
10
50
mV
Load regulation
Reg load
Tj=25
°C
1.0mA<IOUT<200mA
-
11
60
mV
1.0mA<IOUT<40mA
-
5.0
30
mV
Quiescent current
IQ
Tj=25
°C
-
3.8
6.0
mA
Quiescent current
change
ΔIQ
7V<VIN<20V,IO=40mA
-
-
1.5
mA
5mA<IOUT<150mA
-
-
0.1
mA
Output noise voltage
VNO
10Hz<f<100KHz
-
40
-
uVrm
Ripple rejection ratio
RR
7V<VIN<20V,
Tj=25°C,f=120Hz
41
49
-
dB
Dropout voltage
IVIN-VOUTI
Tj=25
°C,IOUT=40mA
-
1.7
-
V
Short circuit current
limit
Isc
Tj=25°C
-
-0.6
-
A
*When Vin-Vout>7V,Iout<0.15mA.
5. Appllcation circuits
2 of3
Rev 1.1 JAN 2014



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com