Electronic Components Datasheet Search
  English  ▼

X  

78L06 Datasheet(PDF) 4 Page - KIA Semiconductor Technology

Part # 78L06
Description  THREE TERMINAL POSITIVE VOLTAGE REGULATORS 6V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology

78L06 Datasheet(HTML) 4 Page - KIA Semiconductor Technology

  78L06 Datasheet HTML 1Page - KIA Semiconductor Technology 78L06 Datasheet HTML 2Page - KIA Semiconductor Technology 78L06 Datasheet HTML 3Page - KIA Semiconductor Technology 78L06 Datasheet HTML 4Page - KIA Semiconductor Technology 78L06 Datasheet HTML 5Page - KIA Semiconductor Technology 78L06 Datasheet HTML 6Page - KIA Semiconductor Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
THREE TERMINAL POSITIVE
VOLTAGE REGULATORS 6V
KIA
SEMICONDUCTORS
78L06
1.Description
The KIA78L06 is monolithic fixed voltage regulator integrated circuit.It is suitable for applications
that required supply current up to 100mA.
2.Features
n
Output current up to 100mA
n
No external part needed
n
Thermal overload shutdown protection
n
Short circuit current limiting
n
SOT89 package
3.Applications
n
Battery-powered circuitry
n
Post regulator for switching power supply
4. Pinning information
SOT-89 Front View
1 of3
Rev 1.1 NOV 2015
Pin
Description
1
VOUT
2
GND
3
VIN



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com