Electronic Components Datasheet Search
  English  ▼

X  

PEWAN1007 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PEWAN1007
Description  Waveguide Standard Gain Horn Antenna
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWAN1007 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PEWAN1007 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWAN1007 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWAN1007 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWAN1007 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
-
Pasternack does not make
any representation or warranty regarding the suitability of the part described herein for any particular purpose, and Pasternack does not assume any liability arising out of the use of any part or documentation.
1
Features
• Rectangular Waveguide Interface
• 40 GHz to 60 GHz
• 20 dBi Nominal Gain
• UG-383/U-Mod Round Cover Flange
Applications
• Antenna Measurements
• Wireless Communication
• Laboratory Use
• Microwave Radio Systems
.
Description
Waveguide standard gain horn antennas are used in a wide variety of applications due to their high power handling capability,
low loss, high directivity, and near constant electrical performance across a broad bandwidth. Pasternack’s PEWAN1007 WR-
19 waveguide standard gain horn antenna operating from 40 GHz to 60 GHz with a nominal 20 dBi gain is part of our full line of
RF components available for same-day shipping. This Pasternack pyramidal horn antenna has a gold plated brass body and
a precision tolerance UG-383/U-Mod round cover flange. The PEWAN1007 WR-19 waveguide standard gain horn antenna
offers low gain variation across its operating frequency range.
Configuration
Design
WR-19 Standard Gain Horn
Pattern
Directional
Polarization
Linear
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
40
60
GHz
Nominal Gain
20
dBi
Gain
19
22
dBi
Horizontal Half Power Beam Width
16
Degrees
Vertical Half Power Beam Width
14
Degrees
VSWR
1.15:1
.
Mechanical Specifications
Size
Length
2.66 in [67.56 mm]
Width
1.125 in [28.58 mm]
Height
1.125 in [28.58 mm]
.
Weight
0.063 lbs [28.58 g]
Waveguide Interface
Waveguide Size
WR-19
Flange Type
Round Cover
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-19 Waveguide Standard Gain Horn Antenna Operating from 40 GHz to 60 GHz with a
Nominal 20 dBi Gain with UG-383/U-Mod Round Cover Flange PEWAN1007
PEWAN1007 REV 1.0
WR-19 Waveguide Standard Gain Horn Antenna
Operating from 40 GHz to 60 GHz with a Nominal 20 dBi
Gain with UG-383/U-Mod Round Cover Flange
Gain Horns Technical Data Sheet
PEWAN1007


Similar Part No. - PEWAN1007

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWAN1001 PASTERNACK-PEWAN1001 Datasheet
403Kb / 3P
WR-284 Waveguide Standard Gain Horn Antenna Operating From 2.6 GHz to 3.95 GHz With a Nominal 0 dB Gain With CMR-284 Flange
PEWAN1005 PASTERNACK-PEWAN1005 Datasheet
555Kb / 4P
Waveguide Standard Gain Horn Antenna
PEWAN1006 PASTERNACK-PEWAN1006 Datasheet
555Kb / 4P
Waveguide Standard Gain Horn Antenna
PEWAN1008 PASTERNACK-PEWAN1008 Datasheet
550Kb / 4P
Waveguide Standard Gain Horn Antenna
PEWAN1009 PASTERNACK-PEWAN1009 Datasheet
555Kb / 4P
Waveguide Standard Gain Horn Antenna
More results

Similar Description - PEWAN1007

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWAN1006 PASTERNACK-PEWAN1006 Datasheet
555Kb / 4P
Waveguide Standard Gain Horn Antenna
PEWAN1012 PASTERNACK-PEWAN1012 Datasheet
549Kb / 4P
Waveguide Standard Gain Horn Antenna
PEWAN1021 PASTERNACK-PEWAN1021 Datasheet
556Kb / 4P
Waveguide Standard Gain Horn Antenna
PEWAN1022 PASTERNACK-PEWAN1022 Datasheet
557Kb / 4P
Waveguide Standard Gain Horn Antenna
PEWAN1023 PASTERNACK-PEWAN1023 Datasheet
555Kb / 4P
Waveguide Standard Gain Horn Antenna
PEWAN1024 PASTERNACK-PEWAN1024 Datasheet
552Kb / 4P
Waveguide Standard Gain Horn Antenna
PEWAN1029 PASTERNACK-PEWAN1029 Datasheet
557Kb / 4P
Waveguide Standard Gain Horn Antenna
PEWAN1030 PASTERNACK-PEWAN1030 Datasheet
556Kb / 4P
Waveguide Standard Gain Horn Antenna
PEWAN1031 PASTERNACK-PEWAN1031 Datasheet
556Kb / 4P
Waveguide Standard Gain Horn Antenna
PEWAN1032 PASTERNACK-PEWAN1032 Datasheet
556Kb / 4P
Waveguide Standard Gain Horn Antenna
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com