Electronic Components Datasheet Search
  English  ▼

X  

PEWAN1024 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PEWAN1024
Description  Waveguide Standard Gain Horn Antenna
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWAN1024 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PEWAN1024 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWAN1024 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWAN1024 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWAN1024 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
-
Pasternack does not make
any representation or warranty regarding the suitability of the part described herein for any particular purpose, and Pasternack does not assume any liability arising out of the use of any part or documentation.
2
Body Material and Plating
Brass, Gold
.
Compliance Certifications (see product page for current document)
Plotted and Other Data
Typical Performance Data
-60
-54
-48
-42
-36
-30
-23
-17
-11
-5
1
-90
-72
-54
-36
-18
0
18
36
54
72
90
dBi
-90 Degrees
Antenna Pattern
E-Plane
H-Plane
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-8 Waveguide Standard Gain Horn Antenna Operating from 90 GHz to 140 GHz with a
Nominal 25 dBi Gain with UG-387/U-Mod Round Cover Flange PEWAN1024
PEWAN1024 REV 1.0
Gain Horns Technical Data Sheet
PEWAN1024
WR-8 Waveguide Standard Gain Horn Antenna Operating
from 90 GHz to 140 GHz with a Nominal 25 dBi Gain
with UG-387/U-Mod Round Cover Flange



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com