Electronic Components Datasheet Search
  English  ▼

X  

BAS19LT3 Datasheet(PDF) 1 Page - ON Semiconductor

Part # BAS19LT3
Description  High Voltage Switching Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAS19LT3 Datasheet(HTML) 1 Page - ON Semiconductor

  BAS19LT3 Datasheet HTML 1Page - ON Semiconductor BAS19LT3 Datasheet HTML 2Page - ON Semiconductor BAS19LT3 Datasheet HTML 3Page - ON Semiconductor BAS19LT3 Datasheet HTML 4Page - ON Semiconductor BAS19LT3 Datasheet HTML 5Page - ON Semiconductor BAS19LT3 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2005
April, 2005 − Rev. 7
1
Publication Order Number:
BAS19LT1/D
BAS19LT1, BAS20LT1,
BAS21LT1, BAS21DW5T1
Preferred Devices
High Voltage
Switching Diode
Device Marking:
• BAS19LT1 = JP
• BAS20LT1 = JR
• BAS21LT1 = JS
• BAS21DW5T1 = JS
Features
• Pb−Free Packages are Available
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Continuous Reverse Voltage
BAS19
BAS20
BAS21
VR
120
200
250
Vdc
Repetitive Peak Reverse Voltage
BAS19
BAS20
BAS21
VRRM
120
200
250
Vdc
Continuous Forward Current
IF
200
mAdc
Peak Forward Surge Current
IFM(surge)
625
mAdc
Maximum Junction Temperature
TJmax
150
°C
Power Dissipation (Note 4)
PD
385
mW
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. Mounted on FR−5 Board = 1.0 x 0.75 x 0.062 in.
HIGH VOLTAGE
SWITCHING DIODE
Preferred devices are recommended choices for future use
and best overall value.
5
CATHODE
1
ANODE
Jx M
MARKING DIAGRAMS
Jx = Specific Device Code
x = P, R or S
M = Date Code
http://onsemi.com
3
CATHODE
1
ANODE
4
CATHODE
3
ANODE
XXd
XX = Specific Device Code
d
= Date Code
SOT−23 (TO−236)
CASE 318
STYLE 8
SC−88A (SOT−353)
CASE 419A
SOT−23
SC−88A
ORDERING INFORMATION
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.


Similar Part No. - BAS19LT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS19LT3 ONSEMI-BAS19LT3 Datasheet
128Kb / 6P
High Voltage Switching Diode
January, 2007 ??Rev. 9
BAS19LT3G ONSEMI-BAS19LT3G Datasheet
128Kb / 6P
High Voltage Switching Diode
January, 2007 ??Rev. 9
BAS19LT3G ONSEMI-BAS19LT3G Datasheet
131Kb / 6P
High Voltage Switching Diode
August, 2009 ??Rev. 12
BAS19LT3G ONSEMI-BAS19LT3G Datasheet
110Kb / 6P
High Voltage Switching Diode
September, 2012 ??Rev. 14
BAS19LT3G ONSEMI-BAS19LT3G Datasheet
110Kb / 6P
High Voltage Switching Diode
November, 2012 ??Rev. 15
More results

Similar Description - BAS19LT3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BAS21SG CYSTEKEC-BAS21SG Datasheet
150Kb / 4P
High voltage switching diode
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V Datasheet
231Kb / 2P
Switching Diode High Voltage Switching Diode Chip
logo
ON Semiconductor
BAS19LT1 ONSEMI-BAS19LT1_07 Datasheet
128Kb / 6P
High Voltage Switching Diode
January, 2007 ??Rev. 9
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V_10 Datasheet
400Kb / 2P
Switching Diode High Voltage Switching Diode Chip
logo
KODENSHI_AUK CORP.
SDS19F KODENSHI-SDS19F Datasheet
268Kb / 5P
High Voltage Switching Diode
SDS19WK KODENSHI-SDS19WK Datasheet
253Kb / 5P
High Voltage Switching Diode
SDS20 KODENSHI-SDS20 Datasheet
254Kb / 5P
High Voltage Switching Diode
SDS20D KODENSHI-SDS20D Datasheet
225Kb / 5P
High Voltage Switching Diode
SDS21F KODENSHI-SDS21F Datasheet
268Kb / 5P
High Voltage Switching Diode
logo
Taiwan Semiconductor Co...
BAV19 TSC-BAV19_11 Datasheet
208Kb / 3P
High Voltage Switching Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com