Electronic Components Datasheet Search
  English  ▼

X  

AD590J Datasheet(PDF) 13 Page - Analog Devices

Part # AD590J
Description  Two-Twrminal IC Temperature Transducer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD590J Datasheet(HTML) 13 Page - Analog Devices

Back Button AD590J Datasheet HTML 8Page - Analog Devices AD590J Datasheet HTML 9Page - Analog Devices AD590J Datasheet HTML 10Page - Analog Devices AD590J Datasheet HTML 11Page - Analog Devices AD590J Datasheet HTML 12Page - Analog Devices AD590J Datasheet HTML 13Page - Analog Devices AD590J Datasheet HTML 14Page - Analog Devices AD590J Datasheet HTML 15Page - Analog Devices AD590J Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD590
Rev. C | Page 13 of 16
OUTLINE DIMENSIONS
0.0065 (0.17)
0.0050 (0.13)
0.0045 (0.12)
0.050 (1.27)
0.041 (1.04)
POSITIVE LEAD
INDICATOR
0.500 (12.69)
MIN
0.230 (5.84)
0.250 (6.35)
0.093 (2.36)
0.081 (2.06)
0.055 (1.40)
0.050 (1.27)
0.045 (1.14)
0.019 (0.48)
0.017 (0.43)
0.015 (0.38)
Figure 24. 2-Lead Ceramic Flat Package [CQFP]
(F-2)
Dimensions shown in inches and (millimeters)
0.250 (6.35)
MIN
0.150 (3.81)
0.115 (2.92)
0.050
(1.27)
MAX
0.019 (0.48)
0.016 (0.41)
0.021 (0.53)
MAX
0.030 (0.76)
MAX
0.195 (4.95)
0.178 (4.52)
0.230 (5.84)
0.209 (5.31)
0.500
(12.70)
MIN
0.046 (1.17)
0.036 (0.91)
0.048 (1.22)
0.028 (0.71)
0.050 (1.27) T.P.
3
1
0.100
(2.54)
T.P.
0.050
(1.27)
T.P.
45 T.P.
2
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETERS DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
Figure 25. 3-Pin Metal Header Package [TO-52]
(H-03)
Dimensions shown in inches and (millimeters)
0.25 (0.0098)
0.17 (0.0067)
1.27 (0.0500)
0.40 (0.0157)
0.50 (0.0196)
0.25 (0.0099)
× 45°
8°
0°
1.75 (0.0688)
1.35 (0.0532)
SEATING
PLANE
0.25 (0.0098)
0.10 (0.0040)
4
1
85
5.00 (0.1968)
4.80 (0.1890)
4.00 (0.1574)
3.80 (0.1497)
1.27 (0.0500)
BSC
6.20 (0.2440)
5.80 (0.2284)
0.51 (0.0201)
0.31 (0.0122)
COPLANARITY
0.10
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
COMPLIANT TO JEDEC STANDARDS MS-012AA
Figure 26. 8-Lead Standard Small Outline Package [SOIC]
Narrow Body
(R-8)
Dimensions shown in millimeters and (inches)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com