Electronic Components Datasheet Search
  English  ▼

X  

GD25VE20C Datasheet(PDF) 36 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25VE20C
Description  Uniform Sector Dual and Quad Serial Flash
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25VE20C Datasheet(HTML) 36 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25VE20C Datasheet HTML 32Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE20C Datasheet HTML 33Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE20C Datasheet HTML 34Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE20C Datasheet HTML 35Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE20C Datasheet HTML 36Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE20C Datasheet HTML 37Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE20C Datasheet HTML 38Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE20C Datasheet HTML 39Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE20C Datasheet HTML 40Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 55 page
background image
Uniform Sector
Dual and Quad Serial Flash
GD25VE20C
36
Figure34. Read Security Registers command Sequence Diagram
7.30.
Enable Reset (66H) and Reset (99H)
If the Reset command is accepted, any on-going internal operation will be terminated and the device will return to its
default power-on state and lose all the current volatile settings, such as Volatile Status Register bits, Write Enable Latch
status (WEL), Program/Erase Suspend status, Read Parameter setting (P7-P0), Continuous Read Mode bit setting (M7-
M0) and Wrap Bit Setting (W6-W4).
The “Reset (99H)” command sequence as follow: CS# goes low  Sending Enable Reset command  CS# goes
high  CS# goes low  Sending Reset command  CS# goes high. Once the Reset command is accepted by the device,
the device will take approximately tRST_E / tRST to reset. During this period, no command will be accepted. Data corruption
may happen if there is an on-going or suspended internal Erase or Program operation when Reset command sequence is
accepted by the device. It is recommended to check the BUSY bit and the SUS bit in Status Register before issuing the
Reset command sequence.
Figure 35. Enable Reset and Reset command Sequence Diagram
7.31.
Read Serial Flash Discoverable Parameter (5AH)
The Serial Flash Discoverable Parameter (SFDP) standard provides a consistent method of describing the functional
and feature capabilities of serial flash devices in a standard set of internal parameter tables. These parameter tables can
be interrogated by host system software to enable adjustments needed to accommodate divergent features from multiple
vendors. The concept is similar to the one found in the Introduction of JEDEC Standard, JESD68 on CFI. SFDP is a standard
of JEDEC Standard No.216.
Command
0
1
2
3
4
5
6
7
48H
CS#
SCLK
SI
SO
High-Z
8
9 10
28 29 30 31
3
2
1
0
23 22 21
24-bit address
MSB
34 35 36 37
33
6
5
4
3
2
1
0
38 39
Data Out1
32
42 43 44 45
41
46 47
40
7
6
5
4
3
2
1
0
7
6
5
7
Data Out2
CS#
SCLK
SI
SO
MSB
Dummy Byte
Command
0
1
2
3
4
5
6
7
66H
CS#
SCLK
SI
SO
High-Z
Command
0
1
2
3
4
5
6
7
99H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com