| Electronic Components Datasheet Search |
|
GD25VQ32C Datasheet(PDF) 36 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
|
|||||||||||||||||||||||||||||
GD25VQ32C Datasheet(HTML) 36 Page - GigaDevice Semiconductor (Beijing) Inc. |
|
36 / 64 page ![]() Uniform Sector Dual and Quad Serial Flash GD25VQ32C 36 7.26. Read Identification (RDID) (9FH) The Read Identification (RDID) command allows the 8-bit manufacturer identification to be read, followed by two bytes of device identification. The device identification indicates the memory type in the first byte, and the memory capacity of the device in the second byte. The Read Identification (RDID) command while an Erase or Program cycle is in progress is not decoded, and has no effect on the cycle that is in progress. The Read Identification (RDID) command should not be issued while the device is in Deep Power-Down Mode. The device is first selected by driving CS# to low. Then, the 8-bit command code for the command is shifted in. This is followed by the 24-bit device identification, stored in the memory, being shifted out on Serial Data Output, each bit being shifted out during the falling edge of Serial Clock. The command sequence is shown in Figure31. The Read Identification (RDID) command is terminated by driving CS# to high at any time during data output. When CS# is driven high, the device is put in the Standby Mode. Once in the Standby Mode, the device waits to be selected, so that it can receive, decode and execute commands. Figure 31. Read Identification ID Sequence Diagram 0 1 2 3 4 5 6 7 CS# SCLK SI SO 8 9 10 MSB 18 19 20 21 17 6 5 4 3 2 1 0 22 23 16 26 27 28 29 25 30 31 24 7 Capacity JDID7-JDID0 CS# SCLK SI SO MSB Memory Type JDID15-JDID8 6 5 4 3 2 1 0 7 11 12 13 14 15 9FH 6 5 4 3 2 1 0 7 Manufacturer ID MSB Command |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |