Electronic Components Datasheet Search
  English  ▼

X  

GD25WD20CTIG Datasheet(PDF) 48 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25WD20CTIG
Description  Uniform Sector Standard and Dual Serial Flash
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25WD20CTIG Datasheet(HTML) 48 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25WD20CTIG Datasheet HTML 41Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD20CTIG Datasheet HTML 42Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD20CTIG Datasheet HTML 43Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD20CTIG Datasheet HTML 44Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD20CTIG Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD20CTIG Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD20CTIG Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD20CTIG Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD25WD20CTIG Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc.  
Zoom Inzoom in Zoom Outzoom out
 48 / 49 page
background image
Uniform Sector
Standard and Dual Serial Flash
GD25WD40C/20C
48
Add Package USON8 1.5*1.5mm
Add Package WLCSP
P43
P45
2.0
Modify Icc3 typ. value @100MHz from 13mA to 3mA
Modify Icc3 typ. value @80MHz from 12mA to 2.5mA
Modify Icc3 typ. value @40MHz from 3.5mA to 1.6mA
Modify Icc3 typ. value @16MHz from 2.2mA to 1.2mA
Modify Icc3 max. value @100MHz @-40℃ to 85℃ from 18mA to 6mA
Modify Icc3 max. value @80MHz @-40℃ to 85℃ from 15mA to 4.5mA
Add Icc3 @50MHz @-40℃-85℃ of 1.3~3.5mA
Modi
fy “L” (min) of USON8 1.5x1.5 package from 0.125mm to 0.15mm
P28, 29, 30
P28, 29, 30
P28, 29, 30
P28, 29, 30
P28
P28
P28
P44
2019-4-30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com