Electronic Components Datasheet Search
  English  ▼

X  

GD25VE32CTMS Datasheet(PDF) 52 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25VE32CTMS
Description  Uniform Sector Dual and Quad Serial Flash
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25VE32CTMS Datasheet(HTML) 52 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25VE32CTMS Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE32CTMS Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE32CTMS Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE32CTMS Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE32CTMS Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE32CTMS Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE32CTMS Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE32CTMS Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD25VE32CTMS Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 63 page
background image
Uniform Sector
Dual and Quad Serial Flash
GD25VE32C
52
9. ORDERING INFORMATION
GD XX X XX X X X X X
Green Code
Temperature Range
I:Industrial(-40°C to +85°C)
Package Type
Density
32: 32Mb
Series
Product Family
25:SPI Interface Flash
Packing Type
Y:Tray
R:Tape & Reel
VE:2.5V,4KB Uniform Sector
S: Pb Free & Halogen Free Green Package
&SRP1 Function
Generation
C: C Version
V:VSOP8 208mil
W: WSON8 (6*5mm)
S:SOP8 208mil
P: DIP8 300mil
Z:TFBGA24(6*4 Ball Array)
H: USON8 (3*3mm)
N: USON8 (3*4mm)
M:Mobile(-40°C to +85°C)
T: SOP8 150mil
B:TFBGA24(5*5 Ball Array)
T or no mark: Tube
G:Pb Free & Halogen Free Green Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com