Electronic Components Datasheet Search
  English  ▼

X  

HM4077 Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4077
Description  4A, 12V lead-acid battery charge management IC with solar cell maximum power point tracking
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4077 Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM4077 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4077 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4077 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4077 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4077 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4077 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4077 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4077 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4077 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
典型应用电路:
VCC
DRV
CSP
COM
CHRG
DONE
GND
L
RCS
C3
BAT
BAT
VG
1
10
9
2
3
4
5
7
8
D1
D2
M1
C1
D3
D4
C4
220nF
C2
100nF
R1
R2
120
Input Supply
6 MPPT
*
R3
R4
*: D1 can be omitted, refer to section “Diode Selection” on Page 9
图
1 典型应用电路
订购信息:
型号
工作温度
过充电电压和浮充电压
HM4077
-
40℃ 到 +85℃
14.8V/13.55V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com