Electronic Components Datasheet Search
  English  ▼

X  

HM4087 Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4087
Description  NiMH battery charging IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4087 Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM4087 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4087 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4087 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4087 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4087 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
[Ⅲ]
引脚功能猫述:
PIN1(VDD)电源输入:
5V DC.
PIN3(Time)时间保护选择: 针对不同的时间段保护选择相应的
IC型号.
IC 型号
PIN3(Time)
接
VDD or GND
时间保护
(hr)
HM4087_26
VDD
2
GND
6
HM4087_37
VDD
3
GND
7
HM4087_48
VDD
4
GND
8
HM4087_59
VDD
5
GND
9
HM4087_612
VDD
6
GND
12
备注:时间保护选择 = 电池容量 / 充电电流 * 1.2 + 1小时; 例如:1000mAh / 500mA * 1.2+1=3.4hr.
 PIN4(PWM)充电控制 PWM 输出:
驱动
PMOS 达到定电流充电控制,
PIN2(LEDG)LED显示驱动输出/ PIN5(LEDR)LED 显示驱动输出:
PIN2(LEDG) & PIN5(LEDR)脚位外接单色 LED 灯,串 1K ohm 到地.
LED 灯显示模式:
状态
显示
电源启动
LEDR & LEDG 交替闪 2 次
待机(无电池)
LEDR & LEDG 熄灭
充电
LEDR 恒亮
充满(涓充补充)
LEDG 恒亮
电池异常:
预充异常、电池电压过高
LEDR 闪烁(0.1s ON, 0.1s OFF)
PIN6(Iset)充电电流检测输入:
外接调节充电电流设定电阻(
RZ),置于电池负端至GND.
充电电流计算
~= 100mV / RZ .
若充电电流大于或小于设定值,内部调整
PWM脉宽输出驱动PMOS达到定电流控制.
HM4087
镍氢电池充电 IC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com