Electronic Components Datasheet Search
  English  ▼

X  

HM4094 Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4094
Description  Switch type multi-section multi-type lithium battery charging circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4094 Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM4094 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4094 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4094 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4094 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4094 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4094 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4094 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4094 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4094 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
______________________________________________________ 引脚说明
DRV(引脚 1):外接 PMOS 管栅极驱动端。此端电压被 GVC 钳制在 VCC-6.3V 范围之内,使外接 PMOS
管可选用低
VGS 的型号,以提高充电效率,降低成本。
PVCC(引脚 2):驱动管电源正输入端。
VCC(引脚 3):模拟电源正输入端
NCHRG(引脚 4):充电状态指示端。当充电器向电池充电时,该管脚被内部开关拉至低电平,表示充
电正在进行;否则该管脚处于高阻态。
NSTDBY(引脚 5):电池充饱指示端。当电池已经充饱时,该管脚被内部开关拉至低电平,否则该管脚
处于高阻态。
NTC(引脚 6):电池温度检测端,将此端接到电池的负温度系数的热敏电阻,若不用这功能,则悬空或
接
VCC,接地则关闭充电功能。
SEL(引脚 7):电池输出电压方案选择端。若此端接地,则选择为三节锂电池方案;若接 VCC,则为四
节锂电池方案;若悬空,则电池电压由外接分压电阻决定。
COMP(引脚 8):充电环路稳定性补偿端。接一个串联的电阻和电容到地。
FB(引脚 9):电池电压反馈端。在 SEL 接 GND 或 VCC 时,可串联电阻稍微提高充饱电压,以补偿线
路和电池内阻损耗,在
SEL 悬空时,FB 端固定为 1.2V,由外接外压电阻决定电池充饱电压。
ISN(引脚 10):充电电流检测负端。将此端接到充电电流设置电阻的负端。
ISP(引脚 11):充电电流检测正端。将此端接到充电电流设置电阻的正端。
GND(引脚 12):模拟地。
PGND(引脚 13):驱动管地。
GVC(引脚 14):驱动管栅电压钳位。此端跟 VCC 之间接个 100nF 的电容,使外接驱动管栅电压钳制
在不低于
VCC-6.3V 的范围内。
开关型多节多类型锂电池充电电路
HM4094



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com