Electronic Components Datasheet Search
  English  ▼

X  

HM4313 Datasheet(PDF) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4313
Description  CONSTANT VOLTAGE AND CONCTANT CURRENT CONTROLLER FOR ADAPTORS AND BATTERY CHARGERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4313 Datasheet(HTML) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM4313 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4313 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4313 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HM4313
CONSTANT VOLTAGE AND CONCTANT CURRENT CONTROLLER
FOR ADAPTORS AND BATTERY CHARGERS
FEATURES
PIN DESCRIPTION
SOT23-6 Pinout
Name
Pin#
Type
Function
Vcc
6
Power Supply
Positive Power Supply Line
GND
2
Power Supply
Ground Line. 0V Reference For All Voltages
Vctrl
1
Analog Input
Input Pin of the Voltage Control Loop
Ictrl
4
Analog Input
Input Pin of the Current Control Loop
Out
3
Current Sink Output
Output Pin. Sinking Current Only
Vsense
5
Analog Input
Input Pin of the Current Control Loop
• CONSTANT VOLTAGE AND CONCTANT CURRENT
CONTROL
•
LOW VOLTAGE OPERATION
•
PRECISION INTERNAL COMPONENT COUNT
• CURRENT SINK OUTPUT STAGE
• EASY COMPENSATION
•
LOW AC MAINS VOLTAGE REJECTION
DESCRIPTION
HM4313 is a highly integrated solution for SMPS
applications requiring constant voltage and constant
current mode.
HM4313 integrates one voltage reference, two
operational amplifiers (with ORed outputs – common
collectors), and a current sensing circuit.
The voltage reference combined with one operational
amplifier makes it an ideal voltage controller, and the
other low voltage reference combined with the other
operational amplifier makes it an ideal current limiter for
output low side current sensing.
The current threshold is fixed and precise.
The only external components are:
•
A resistor bridge to be connected to the output of the
power supply (adapter, battery charger) to set the
voltage regulation by dividing the desired output
voltage to match the internal voltage reference value.
•
A sense resistor having a value and allowable
dissipation power which need to be chosen according
to the internal voltage threshold.
HM4313, is ideal for smallest package available, is
ideal for space shrinked applications such as adapters
and battery chargers.


Similar Part No. - HM4313

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM4310 HMSEMI-HM4310 Datasheet
507Kb / 6P
Dual op AMP and voltage reference
More results

Similar Description - HM4313

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM105 STMICROELECTRONICS-TSM105 Datasheet
95Kb / 9P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
Sep-2001
TSM1051 STMICROELECTRONICS-TSM1051 Datasheet
108Kb / 9P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
Jan-2002
TSM1013 STMICROELECTRONICS-TSM1013 Datasheet
113Kb / 8P
Constant Voltage and Constant Current Controller for Battery Chargers and Adaptors
Feb-2004
logo
Rohm
BD6550G ROHM-BD6550G Datasheet
199Kb / 6P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
logo
Taiwan Semiconductor Co...
TS1051 TSC-TS1051 Datasheet
523Kb / 9P
Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
logo
IK Semicon Co., Ltd
IK3051 IKSEMICON-IK3051 Datasheet
298Kb / 5P
Constant Voltage and Constant Current Controller for Adaptors and Battery Chargers
IK3051A IKSEMICON-IK3051A Datasheet
292Kb / 5P
Constant Voltage and Constant Current Controller for Adaptors and Battery Chargers
logo
Taiwan Semiconductor Co...
TS1051 TSC-TS1051_09 Datasheet
293Kb / 8P
Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
logo
IK Semicon Co., Ltd
IK3052 IKSEMICON-IK3052 Datasheet
147Kb / 4P
Constant Voltage and Constant Current Controller for Adaptors and Battery Chargers
logo
Taiwan Semiconductor Co...
TS1052 TSC-TS1052 Datasheet
289Kb / 8P
Constant Voltage and Constant Current Controller For Battery Chargers and Adaptors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com