Electronic Components Datasheet Search
  English  ▼

X  

730H Datasheet(PDF) 3 Page - KIA Semiconductor Technology

Part # 730H
Description  6Amps竊?00V N-CHANNEL MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology

730H Datasheet(HTML) 3 Page - KIA Semiconductor Technology

  730H Datasheet HTML 1Page - KIA Semiconductor Technology 730H Datasheet HTML 2Page - KIA Semiconductor Technology 730H Datasheet HTML 3Page - KIA Semiconductor Technology 730H Datasheet HTML 4Page - KIA Semiconductor Technology 730H Datasheet HTML 5Page - KIA Semiconductor Technology 730H Datasheet HTML 6Page - KIA Semiconductor Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
6Amps,400V
N-CHANNEL MOSFET
KIA
SEMICONDUCTORS
730H
KIA
SEMICONDUCTORS
KIA
SEMICONDUCTORS
6. Electrical characteristics
(TJ=25°C,unless otherwise notes)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Off Characteristics
Drain-source breakdown voltage
BVDSS
VGS=0V,ID=250μA
400
-
-
V
Zero gate voltage drain current
IDSS
VDS=400V ,VGS=0V
-
-
1
μA
VDS=320V ,TC=125
ºC
-
-
10
μA
Gate-body leakage
current
Forward
IGSS
VGS=30V,VDS=0V
-
-
100
nA
Reverse
VGS=-30V,VDS=0V
-
-
-100
nA
Breakdown voltage temperature
ΔBVDSS/ΔTJ
ID=250μA,
-
0.54
-
V/
ºC
On characteristics
Gate threshold voltage
VGS(th)
VDS=VGS,ID=250
μA
2.0
-
4.0
V
Static drain-source on-resistance
RDS(on)
VGS=10V,ID=3.0A
-
0.83
1.0
Ω
Dynamic characteristics
Input capacitance
Ciss
VDS=25V,VGS=0V,
f=1MHz
-
520
-
pF
Output capacitance
Coss
-
80
-
pF
Reverse transfer capacitance
Crss
-
15
-
pF
Switching characteristics
Turn-on delay time
td(on)
VDD=200V,ID=6.0A,
RG=25Ω (note4,5)
-
10
-
ns
Rise time
tr
-
60
-
ns
Turn-off delay time
td(off)
-
20
-
ns
Fall time
tf
-
40
-
ns
Total gate charge
Qg
VDS=320V,ID=6.0A,
VGS=10V (note4,5)
-
18
-
nC
Gate-source charge
Qgs
-
2.5
-
nC
Gate-drain charge
Qgd
-
8.5
-
nC
Drain-source diode characteristics
Drain-source diode forward voltage
VSD
VGS=0V,ISD=6.0A
-
-
1.4
V
Continuous Drain-source current
ISD
-
-
6.0
A
Pulsed Drain-source current
ISM
-
-
24.0
A
Reverse recovery time
trr
ISD=6.0A,
dISD/dt=100A/
μs (note 4)
-
250
-
ns
Reverse recovery charge
Qrr
-
2.0
-
μC
Note: 1.Repetitive Rating:Pulse width limited by maximum junction temperature
2.L=14mH,IAS=6.0A,VDD=50V,RG=25Ω,Starting TJ=25 ºC
3.ISD<6.0A,di/dt<200A/μs,VDD< BVDSS,Starting TJ=25 ºC
4.Pulse test:pulse width<300
μs,duty cycle<2%
5.Essentially independent of operating temperature
3 of6
Rev 1.1 JAN 2014



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com