Electronic Components Datasheet Search
  English  ▼

X  

2302 Datasheet(PDF) 1 Page - KIA Semiconductor Technology

Part # 2302
Description  P-CHANNEL MOSFET N-CHANNEL MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology

2302 Datasheet(HTML) 1 Page - KIA Semiconductor Technology

  2302 Datasheet HTML 1Page - KIA Semiconductor Technology 2302 Datasheet HTML 2Page - KIA Semiconductor Technology 2302 Datasheet HTML 3Page - KIA Semiconductor Technology 2302 Datasheet HTML 4Page - KIA Semiconductor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3.0A, 20V
N-CHANNEL MOSFET
KIA
SEMICONDUCTORS
2302
KIA
SEMICONDUCTORS
KIA
SEMICONDUCTORS
1. Features
n
VDS=20V,RDS(on)=0.065
Ω@VGS=4.5V,ID=3.0A
n
VDS=20V,RDS(on)=0.090
Ω@VGS=2.5V,ID=2.0A
2.Symbol
3. Absolute maximum ratings
Parameter
Symbol
Rating
Units
Drain-source voltage
VDS
20
V
Gate-source voltage
VGS
+8
V
Drain current continuous (TJ=150 ºC) b
TA=25°C
ID
3.0
A
TA=70°C
2.0
Pulsed drain current a
IDM
10
Continuous source current (diode conduction)b
IS
1.6
Power dissipation b
TA=25°C
PD
1.25
W
TA=70
°C
0.8
Junction and storage temperature range
TJ,TSTG
-55 to150
ºC
Parameter
Symbol
Rating
Units
Maximum junction-ambient b
RthJA
100
ºC/W
Maximum junction-ambient c
166
Notes
a.
Pulse width limited by maximum junction temperature.
b.
Surface mounted on FR4 board, t<5 sec.
c.
Surface mounted on FR4 board.
1 of4
Rev 1.1 JAN 2014
Pin
Function
1
Gate
2
Source
3
Drain


Similar Part No. - 2302

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2302 ETC-2302 Datasheet
76Kb / 2P
2.0 Watt - 20 Volts, Class C Microwave 2300 MHz
logo
GHz Technology
2302 GHZTECH-2302 Datasheet
78Kb / 2P
2.0 Watt - 20 Volts, Class C Microwave 2300 MHz
logo
SHENZHEN FUMAN ELECTRON...
2302 FUMAN-2302 Datasheet
310Kb / 2P
20V N-Channel Enhancement MOS FET
logo
Heyco.
2302 HEYCO-2302 Datasheet
116Kb / 1P
Nylon Hose Clamps
logo
Goford Semiconductor
2302 GOFORD-2302 Datasheet
657Kb / 6P
N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - 2302

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJX3439K ZPSEMI-CJX3439K Datasheet
657Kb / 2P
N Channel P Channel MOSFET
logo
Jiangsu Changjiang Elec...
CJQ4614 JIANGSU-CJQ4614 Datasheet
890Kb / 6P
N Channel P Channel Mosfet
CJQ4559 JIANGSU-CJQ4559 Datasheet
1Mb / 6P
N Channel P Channel Mosfet
CJM7201 JIANGSU-CJM7201 Datasheet
1Mb / 6P
N-Channel P-Channel MOSFET
CJ3439KDW JIANGSU-CJ3439KDW Datasheet
1Mb / 6P
N channelP Channel MOSFET
CJMNP517 JIANGSU-CJMNP517 Datasheet
1Mb / 6P
N Channel P Channel MOSFET
CJX3439K JIANGSU-CJX3439K Datasheet
1Mb / 6P
N Channel P Channel MOSFET
logo
Shenzhen Guan Hua Wei Y...
WSP6067 WIINSOK-WSP6067 Datasheet
666Kb / 8P
N&P-Channel MOSFET
logo
Shanghai Leiditech Elec...
LM3439 LEIDITECH-LM3439 Datasheet
597Kb / 5P
N channelP Channel MOSFET
logo
Guangdong Youtai Semico...
AO6601 UMW-AO6601 Datasheet
724Kb / 11P
N P Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com