Electronic Components Datasheet Search
  English  ▼

X  

2341 Datasheet(PDF) 2 Page - KIA Semiconductor Technology

Part # 2341
Description  -3.3A竊?20V P-CHANNEL MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology

2341 Datasheet(HTML) 2 Page - KIA Semiconductor Technology

  2341 Datasheet HTML 1Page - KIA Semiconductor Technology 2341 Datasheet HTML 2Page - KIA Semiconductor Technology 2341 Datasheet HTML 3Page - KIA Semiconductor Technology 2341 Datasheet HTML 4Page - KIA Semiconductor Technology 2341 Datasheet HTML 5Page - KIA Semiconductor Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
-3.3A,-20V
P-CHANNEL MOSFET
KIA
SEMICONDUCTORS
2341
KIA
SEMICONDUCTORS
KIA
SEMICONDUCTORS
4. Absolute maximum ratings
(TA=25
°C,unless otherwise noted)
Parameter
Symbol
5s
Steady
State
Units
Drain-source voltage
VDS
-20
V
Gate-source voltage
VGS
+12
V
Drain current continuous (TJ=150 ºC)
TA=25°C
ID
-
-3.3
A
Pulsed drain current
IDM
-20
A
Continuous source current (diode conduction)a
IS
-1.7
-1
A
Power dissipation a
TA=25
°C
PD
1.25
0.75
W
Junction and storage temperature range
TJ,TSTG
-55 to150
ºC
a.
Surface mounted on FR4 board using 1 in sq pad size, 2oz Cu.
Parameter
Symbol
Typ
Max
Units
Maximum junction-ambient b (t<5 s)
RthJA
75
100
ºC/W
Maximum junction-ambient b
125
165
ºC/W
b. Surface mounted on FR4 board using 1 in sq pad size, 2oz Cu
5. Electrical characteristic
(TJ=25
°C,unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Drain-source breakdown voltage
BVDSS
VGS=0V,ID=-250
μA
-20
-
-
V
Gate- source leakage current
IGSS
VGS=+8V,VDS=0V
-
-
+100
nA
Zero gate voltage drain current
IDSS
VDS=-16V,VGS=0V
-
-
-1
uA
Gate threshold voltage*
VGS(th)
VDS=VGS,ID=-250μA
-0.35
-0.63
-1.0
V
Static drain-source on-resistance
RDS(on)
VGS=-4.5V,ID=-3.3A
-
52
61
m
Ω
VGS=-2.5V,ID=-2.8A
-
65
71
Forward transconductance
gfs
VDS=-5V,ID=-3.3A
-
3.0
-
S
Input capacitance
Ciss
VDS=-6.0V,VGS=0V,
f=1MHz
-
-
700
pF
Output capacitance
Coss
-
-
160
Reverse transfer capacitance
Crss
-
-
120
Turn-on delay time
td(on)
VGS=-4.5V ,VDD=-6.0V,
ID =-1.0A,RG=6
Ω,
-
-
25
ns
Rise time
tr
-
-
55
Turn-off delay time
td(off)
-
-
90
Fall time
tf
-
-
60
Total gate charge
Qg(tot)
VDS=-6.0V,VGS=-4.5V
ID=-3.3A
-
8
13
nC
Threshold gate charge
Qg(th)
0.2
Gate-source charge
Qgs
-
1.2
-
Gate-drain charge
Qgd
-
2.2
-
Forward diode voltage
VSD
VGS=0V,IS=-1.6A
-
-0.8
-
V
2 of5
Rev 1.1 JAN 2014



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com