Electronic Components Datasheet Search
  English  ▼

X  

24LC32AXT Datasheet(PDF) 23 Page - Microchip Technology

Part # 24LC32AXT
Description  32KIC Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC32AXT Datasheet(HTML) 23 Page - Microchip Technology

Back Button 24LC32AXT Datasheet HTML 18Page - Microchip Technology 24LC32AXT Datasheet HTML 19Page - Microchip Technology 24LC32AXT Datasheet HTML 20Page - Microchip Technology 24LC32AXT Datasheet HTML 21Page - Microchip Technology 24LC32AXT Datasheet HTML 22Page - Microchip Technology 24LC32AXT Datasheet HTML 23Page - Microchip Technology 24LC32AXT Datasheet HTML 24Page - Microchip Technology 24LC32AXT Datasheet HTML 25Page - Microchip Technology 24LC32AXT Datasheet HTML 26Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
 2003 Microchip Technology Inc.
DS21713D-page 23
24AA32A/24LC32A
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Sales and Support
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and
recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
24AA32A:
1.8V, 32 Kbit I2C Serial EEPROM
24AA32AT: 1.8V, 32 Kbit I2C Serial EEPROM
(Tape and Reel)
24AA32AX 1.8V, 32 Kbit I2C Serial EEPROM in
alternate pinout (ST only)
24AA32AXT 1.8V, 32 Kbit I2C Serial EEPROM in
alternate pinout (ST only)
24LC32A:
2.5V, 32 Kbit I2C Serial EEPROM
24LC32AT: 2.5V, 32 Kbit I2C Serial EEPROM
(Tape and Reel)
24LC32AX 2.5V, 32 Kbit I2C Serial EEPROM in
alternate pinout (ST only)
24LC32AXT 2.5V, 32 Kbit I2C Serial EEPROM in
alternate pinout (ST only)
Tempera-
ture
Range:
I
=
-40°C to +85°C
E
=
-40°C to +125°C
Package:
P
=
Plastic DIP (300 mil body), 8-lead
SN
=
Plastic SOIC (150 mil body), 8-lead
SM =
Plastic SOIC (208 mil body), 8-lead
ST
=
Plastic TSSOP (4.4 mm), 8-lead
MS =
Plastic Micro Small Outline (MSOP), 8-lead
Lead Finish
Blank =
Standard 63% / 37% SnPb
G
=
Pb-free (Matte Tin - Pure Sn)
X
Lead Finish
Examples:
a)
24AA32A-I/P: Industrial Temperature,1.8V,
PDIP package
b)
24AA32A-I/SN: Industrial Temperature,1.8V,
SOIC package
c)
24AA32A-I/SM: Industrial Temperature.,1.8V,
SOIC (208 mil) package
d)
24AA32AX-I/ST: Industrial Temp.,1.8V,
Rotated TSSOP package
e)
24AA32A-I/ST: Industrial Temperature.,1.8V,
TSSOP package
f)
24AA32A-I/PG: Industrial Temperature.,1.8V,
PDIP package. Pb-free
g)
24LC32A-I/P: Industrial Temperature, 2.5V,
PDIP package
h)
24LC32A-E/SN:
Automotive
Temperature,
2.5V SOIC package
i)
24LC32A-E/SM: Automotive Temperature,
2.5V SOIC (208 mil) package
j)
24LC32AX-E/ST: Automotive Temperature,
2.5V, Rotated TSSOP package
k)
24LC32AT-I/ST: Industrial Temperature, 2.5V,
TSSOP package, Tape and Reel
l)
24LC32AT-I/SNG: Industrial Temperature,
2.5V, SOIC package, Tape and Reel, Pb-free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com