Electronic Components Datasheet Search
  English  ▼

X  

HM4922 Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4922
Description  20V Full-Bridge of MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4922 Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM4922 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4922 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4922 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4922 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4922 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4922 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4922 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4922 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4922 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Gate-source voltage
VGS
±12
±12
V
Maximum power dissipation
PD
2.0
2.0
W
Operating junction Temperature range
Tj
-55
—150
-55
—150
℃
Drain Current-Continuous
(Silicon Limited)
TA=25°C
ID
3
-3
A
TA=75°C
2.5
-2.5
Pulsed Drain Current (Package Limited)
IDM
12
-12
A
Power Dissipation
B
TA=25°C
PD
2
2
W
TA=75°C
1.3
1.3
Junction and Storage Temperature Range
TJ, TSTG
-55
—150
℃
N-Channel Electrical Characteristics (T
J=25℃ unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
OFF Characteristics
Drain-source breakdown voltage
BVDSS
VGS=0V, ID=250µA
20
-
-
V
Zero gate voltage drain current
IDSS
VDS=20V, VGS=0V
-
-
1
µA
Gate-body leakage
IGSS
VDS=0V, VGS=±12V
-
-
±100
nA
ON Characteristics
Gate threshold voltage
VGS(th)
VDS=VGS, ID=250µA
0.5
0.75
1.2
V
Drain-source on-state resistance
RDS(ON)
VGS=4.5V, ID=3A
-
31
50
mΩ
VGS=2.5V, ID=2.8A
-
41
80
Forward transconductance
gfs
VGS=5V, ID=3A
-
5
-
S
Dynamic Characteristics
Input capacitance
CISS
VDS=10V ,VGS=0V
f=1.0MHz
-
240
-
pF
Output capacitance
COSS
-
45
-
Reverse transfer capacitance
CRSS
-
23
-
Gate resistance
Rg
VGS=0V, VDS=0V,
f=1.0MHz
-
3.3
4.9
Ω
Switching Characteristics
Turn-on delay time
tD(ON)
VDD=10V
RL=3.3 ohm
VGEN=4.5V
RGEN=6ohm
-
2.3
-
ns
Rise time
tr
-
3.1
-
Turn-off delay time
tD(OFF)
-
21
-
Fall time
tf
-
2.6
-
Total gate charge
Qg
VDS=10V
ID=3A
VGS=4.5V
-
2.7
-
nC
Gate-source charge
Qgs
-
0.4
-
Gate-drain charge
Qgd
-
0.5
-
Thermal Characteristics
Thermal Resistance junction-to ambient
Rth JA
100
℃/W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com