Electronic Components Datasheet Search
  English  ▼

X  

HM5152 Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5152
Description  Single-cell lithium battery synchronous switch step-down charging IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5152 Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5152 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5152 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5152 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5152 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5152 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5152 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5152 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5152 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5152 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
4 引脚定义
D1
D2
VIN
SW
ICHG
BAT
TEST
1
2
3
4
5
6
7
8
ESOP8
power
PAD
NTC
图 2
HM5152 引脚图
Pin Name
Pin Number
Pin Description
D1
1
LED 驱动引脚/电池类型选择(
HM5152-VS)
TEST
2
测试引脚,接 1K 电阻到电池正极
D2
3
LED 驱动引脚
NTC
4
NTC 温度保护,接 NTC 电阻
BAT
5
连接锂电池正极
ICHG
6
充电电流设置引脚
SW
7
DC-DC 开关引脚
VIN
8
5V 充电输入引脚
EPAD
--
GND



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com