Electronic Components Datasheet Search
  English  ▼

X  

HM5154 Datasheet(PDF) 13 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5154
Description  Single-cell lithium battery synchronous switch with integrated input fast charge protocol 4.8A charging IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5154 Datasheet(HTML) 13 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM5154 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5154 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5154 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5154 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5154 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5154 Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5154 Datasheet HTML 13Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5154 Datasheet HTML 14Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5154 Datasheet HTML 15Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
7. 典型应用原理图
Charger driver
TYPE-C
VIN
CC1
CC2
DM
DP
GND
VIN
CC1
CC2
DM
DP
VSYS
LX
BST
BAT
LED1
LED2
LED3
RVSET
RNTC
D1
D2
DH
RICHG
HLED
NTC
ICHGSET
GND
2
3
23
24
20
21
22
8
9
10
L1
2.2uH
5
C1
10uF
C2
22uF
C3
C4
C5
22uF NC/22uF
NC/220uF
C6
104
C8
10uF
C9
104
R1
82K
R2
100R
RVSET设置恒压充电电压
RVSET阻值
设置的恒压
充电电压
10K
4.5V
68K
4.4V
120K
4.35V
NC
4.2V
R3
100R
R4
10K
VBAT
D5
SS34
RICHG设置充电电流
RICHG阻值
设置的充电电
流(输入端)
51K
500mA
130K
1000mA
180K
1500mA
>300K(NC)
2000mA
25
28
29
30
32
4
1
HM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com