Electronic Components Datasheet Search
  English  ▼

X  

HM5185 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5185
Description  High-voltage low-power synchronous boost control chip
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5185 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5185 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5185 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5185 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5185 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5185 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5185 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5185 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
最大工作范围
最小
最大
单位
电压范围
VCC, EN
-0.3
40
V
BOOT-LX, LDO
-0.3
6
FB
-0.3
6
HGATE-LX, LGATE
-0.3
LDO
CSP
-0.3
40
LX
-2
40
工作结温
-40
125
℃
推荐工作条件
最小
最大
单位
电压范围
VCC
2.5
24
V
BOOT-LX, LDO
0
5
FB
0
5
HGATE-LX, LGATE
0
LDO
CSP-CSN
-0.2
0.2
LX
-2
40
工作结温
0
125
℃
电气参数
2.5V<VCC<24V, 0℃<Tj<125℃, 典型情况 Temp=25℃ VCC=12V
参数
符号
测试条件
最小
典型
最大
单位
输入电压电流
VCC 供电电压
VCC
2.5
24
V
VCC 供电电流
IVCC
Burst 休 眠 模 式 ,
FB=1.25V,空载
60
uA
EN=0V
8
uA
FB 电压调整
调整反馈电压
VFB
1
V
反馈电压精度
-1.5%
+1.5%
FB 负载调整率
CSP-CSN
从
0 到 120mV
0.013
%/mV
FB 电压调整率
VCC 从 3 到 40V
0.002
%/V
LDO 输出
LDO 输出电压
LDO
5.2V<VCC<24V,LDO
负载
0 到 50mA
5
V
LDO 欠压锁定
VUVLO LDO 上升
2.1
V
LDO 下降
2
V
HM5185



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com