Electronic Components Datasheet Search
  English  ▼

X  

HM5223 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5223
Description  Ultra-Low 0.5廓 Dual SPDT Analog Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5223 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5223 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5223 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5223 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5223 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5223 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5223 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5223 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5223 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4/8
Current
(Note 3)
VNC floating
VNC=0.3V or 4.0V
VNo floating
VCOM=0.3Vor 4.0V
RON
On−Resistanc
e (Note 3)
VIS=GND to VCC
IIN= 100mA
4.3
0.45
0.5
0.55
Ω
3.6
0.5
0.55
0.65
3.0
0.5
0.55
0.65
2.3
0.6
0.7
0.8
1.8
0.9
1.0
1.1
RFLAT
On−Resistanc
e
Flatness(Note
3)
(Note 5)
ICOM=100mA
VIS=1.5V
4.3
0.15
0.20
0.20
Ω
3.6
0.15
0.20
0.20
3.0
0.15
0.20
0.20
2.7
0.15
0.20
0.20
2.3
0.20
0.25
0.25
1.65
0.35
0.45
0.45
∆RON
On−Resistanc
e
Match
Between
Channels(Not
e 3) (Note 4)
ICOM=100mA
VIS=1.5V
2.7
0.1
Ω
AC Characteristics
tPLH
tPHL
Propagation
delay
1.65-1.95
0.30
ns
2.3-2.7
0.25
3.0-3.3
0.20
3.6-4.3
0.20
tON
Turn−On
Time (Figure
1)
VIS=0.8V
1.65-1.95
120
ns
VIS=1.5V
2.3-2.7
65
85
3.0-3.3
42
55
3.6-4.3
40
55
tOFF
Turn−Off
Time (Figure
1)
VIS=0.8V
1.65-1.95
45
ns
VIS=1.5V
2.3-2.7
18
30
3.0-3.3
16
30
3.6-4.3
15
30
tBBM
Break−Before
−Make
Time(Note6)(
Figure 2)
CL=35pF
RIS=50Ω
VIS=1.5V
1.65-1.95
2
17
ns
2.3-2.7
2
10
3.0-3.3
2
8
3.6-4.3
2
7
BW
On−Channel
−3dB
RIS=50Ω
1.65-4.3
55
MHz
HM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com