Electronic Components Datasheet Search
  English  ▼

X  

HM5228 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5228
Description  0.5廓 Dual SPDT Negative Signal Handing Analog Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5228 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5228 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5228 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5228 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5228 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5228 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5228 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5228 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4/7
(Note 3)
VNO=0.3V or 4.7V
VNC floating
VNC=0.3V or 4.7V
VNo floating
VCOM=0.3Vor 4.7V
RON
On−Resistance
(Note 2,Note 3)
VIS=GND to VCC
IIN= 100mA
5
0.4
0.5
Ω
3.3
0.6
0.7
2.0
1.5
1.7
RFLAT
On−Resistance Flatness
(Note 2,Note 3, Note 5)
ICOM=100mA
VIS=GND to VCC
5
0.3
Ω
∆RON
On−Resistance Match
Between Channels
(Note 2,Note 3,Note 4)
ICOM=100mA
VIS=1.5V
5
0.25
Ω
tON
Turn−On Time (Figure 1)
VIS=1.5V
2.5~3.3
35
45
ns
2.5~5.0
25
30
tOFF
Turn−Off Time (Figure 1)
VIS=1.5V
2.5~3.3
17
20
ns
3.6~5.0
15
20
tBBM
Break−Before−Make
Time(Note6)(Figure 2)
CL=35pF,RIS=50Ω
VIS=1.5V
2.5~3.3
7
9
ns
3.6~5.0
4
6
BW
On−Channel −3dB
Bandwidth or Frequen –cy
Response (Figure 4)
RIS=50Ω
2.5~5.0
50
MHz
VISO
Off−Channel Isolation
(Figure 4)
FIS = 100kHz,
VIN =GND to VCC
CL=5pF,RL= 50Ω
VIS=1V RMS
2.5~5.0
-66
dB
Q
Charge Injection Select Input
to Common I/O
(Figure 3)
VIN = 0 or VCC
RIS=0Ω,CL=100pF
RL=1MΩ
Q=CL×∆VOut
2.5~3.3
51
pC
3.6~5.0
49
THD
Total Harmonic Distortion
THD +Noise
FIS=20Hz to 20KHz
RL=600Ω,CL=50pF
VIS=2V RMS
3.6
0.08
%
VCT
Channel−to−Channel
Crosstalk
(Figure 4)
FIS= 100KHz,
VIN =GND to VCC
RL= 50Ω,CL=5pF
VIS=1V RMS
3.6~5.0
-72
dB
CIN
Control Pin Input Capacitance
3.6
3.5
pF
CNC/CNO
NC/NO Port Capacitance
3.6
50
pF
CCOM
COM Port Capacitance When
Switch is Enabled
3.6
120
pF
HM



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com