Electronic Components Datasheet Search
  English  ▼

X  

HM5267 Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5267
Description  Apple iPhone8 Data Line IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5267 Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5267 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5267 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5267 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5267 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
应用电路图
5V 应用
VDD
D-
D+
GND
USB
J1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
J2
100nF
C1
Q1
HM2301
GND
VSS
2
DATA
1
VCC
3
GATE
6
VOUT
5
VC2
4
GND
GND
PMOS
 高压应用
VDD
D-
D+
GND
USB
J1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
J2
100nF
C1
Q1
HM2301
GND
VSS
2
DATA
1
VCC
3
GATE
6
VOUT
5
VC2
4
GND
GND
PMOS
150Ω
R1
1K
R2
HM5267
苹果
iPhone8 数据线 IC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com