Electronic Components Datasheet Search
  English  ▼

X  

RM6301T Datasheet(PDF) 2 Page - Shaanxi Reactor Microelectronics Co., Ltd.

Part # RM6301T
Description  5V3A power adapter application
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.

RM6301T Datasheet(HTML) 2 Page - Shaanxi Reactor Microelectronics Co., Ltd.

  RM6301T Datasheet HTML 1Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM6301T Datasheet HTML 2Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM6301T Datasheet HTML 3Page - Shaanxi  Reactor  Microelectronics  Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RM6301T
5V3A 电源适配器应用方案
陕西亚成微电子股份有限公司
Rev 2016.11
http: // www.reactor-micro.com
系统 BOM 清单:
序号
元件名称
规格型号
用量
位号
封装要求
1
保险丝
250V,1A
1
F1
Φ3*10mm
2
贴片电阻
1.5MΩ,0.25W,±5%
2
R1 R2
SMD1206
3
贴片电阻
18KΩ,0.25W,±5%
1
R3
SMD1206
4
贴片电阻
10Ω,0.125W,±5%
1
R4
SMD0805
5
贴片电阻
47Ω,0.25W,±5%
1
R5
SMD1206
6
贴片电阻
1MΩ,0.25W,±5%
2
R6 R7
SMD1206
7
贴片电阻
200KΩ,0.25W,±5%
2
R8 R9
SMD1206
8
贴片电阻
10KΩ,0.25W,±5%
1
R10
SMD1206
9
贴片电阻
470Ω,0.1W,±5%
1
R11
SMD0603
10
贴片电阻
1KΩ,0.1W,±5%
1
R12
SMD0603
11
贴片电阻
10KΩ,0.1W,±5%
1
R13
SMD0603
12
贴片电阻
5.6KΩ,0.1W,±1%
1
R14
SMD0603
13
贴片电阻
5.1KΩ,0.1W,±1%
1
R15
SMD0603
14
贴片电阻
2KΩ,0.25W,±5%
1
R16
SMD1206
15
贴片电阻
2.7Ω,0.25W,±5%
1
RCS
SMD1206
16
贴片电阻
4.7KΩ,0.25W,±5%
1
R17
SMD1206
17
贴片电阻
20Ω,0.25W,±5%
1
R18
SMD1206
18
贴片电阻
2.7Ω,0.25W,±5%
1
RS1
SMD1206
19
X 电容
220nF,275V,±10%
1
CX1
DIP
20
Y 电容
1nF,400V,±20%
1
CY1
DIP
21
电解电容
33μF,400V,±20%
1
EC1
Φ18*22mm
22
电解电容
10μF,50V,±20%
1
EC2
Φ5*11mm
23
电解电容
1000μF,16V,±20%
2
EC3 EC4
Φ8*16mm
24
贴片电容
10nF,50V,X7R,±10%
1
C2
SMD0805
25
贴片电容
2.2nF,1KV,X7R,±10%
1
C3
SMD1206
26
贴片电容
0.1μF,50V,X7R,±10%
1
C4
SMD0603
27
贴片电容
1nF,1KV,X7R,±10%
1
C5
SMD1206
28
贴片电容
100nF,25V,X7R,±10%
1
C6
SMD0805
29
贴片二极管
1N4148,100mA,75V
2
D2
SMA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com