Electronic Components Datasheet Search
  English  ▼

X  

HM5513 Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5513
Description  High precision built-in MOSFET single-cell lithium battery protection IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5513 Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5513 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5513 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5513 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5513 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5513 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5513 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5513 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5513 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5513 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
产品型号列表
最小包装:2.5K/卷
型号
主要特性
封装
过充
电压
VCU
/V
过充
恢复
电压
VCL
/V
过放
电压
VDL
/V
过放恢
复电压
VDR
/V
过流
电流
A
过充
电压
精度
mv
最大
持续
电流
A
MOS
内阻
mΩ
0V 电
池充
电
应用
HM5513A
4.28
4.1
2.5
3.0
1.5
50
1
25
Yes
穿戴设备
DFN6
HM5513B
4.42
4.2
2.5
3.0
1.5
50
1
25
Yes
穿戴设备
DFN6
HM5513



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com