Electronic Components Datasheet Search
  English  ▼

X  

BAT54HT1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # BAT54HT1
Description  Schottky Barrier Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAT54HT1 Datasheet(HTML) 1 Page - ON Semiconductor

  BAT54HT1 Datasheet HTML 1Page - ON Semiconductor BAT54HT1 Datasheet HTML 2Page - ON Semiconductor BAT54HT1 Datasheet HTML 3Page - ON Semiconductor BAT54HT1 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2005
October, 2005 − Rev. 3
1
Publication Order Number:
BAT54HT1/D
BAT54HT1
Preferred Device
Schottky Barrier Diodes
These Schottky barrier diodes are designed for high speed switching
applications, circuit protection, and voltage clamping. Extremely low
forward voltage reduces conduction loss. Miniature surface mount
package is excellent for hand held and portable applications where
space is limited.
Features
• Extremely Fast Switching Speed
• Low Forward Voltage − 0.35 Volts (Typ) @ IF = 10 mAdc
• Device Marking: JV
• Pb−Free Package is Available
MAXIMUM RATINGS (TJ = 125°C unless otherwise noted)
Rating
Symbol
Value
Unit
Reverse Voltage
VR
30
V
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR−5 Board,
(Note 1)
TA = 25°C
Derate above 25
°C
PD
200
1.57
mW
mW/
°C
Thermal Resistance, Junction−to−Ambient
RqJA
635
°C/W
Junction and Storage Temperature
TJ, Tstg
−55
to150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. FR−4 Minimum Pad
30 VOLT SILICON
HOT−CARRIER DETECTOR
AND SWITCHING DIODES
Device
Package
Shipping†
ORDERING INFORMATION
BAT54HT1
SOD−323
3000/Tape & Reel
SOD−323
CASE 477
Preferred devices are recommended choices for future use
and best overall value.
1
CATHODE
2
ANODE
MARKING DIAGRAM
http://onsemi.com
BAT54HT1G
SOD−323
(Pb−Free)
3000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
1
2
JVM
G
G
2
1
JV
= Device Code
M
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)


Similar Part No. - BAT54HT1

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
BAT54HT1 ZOWIE-BAT54HT1 Datasheet
50Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Leshan Radio Company
BAT54HT1 LRC-BAT54HT1 Datasheet
61Kb / 2P
Schottky Barrier Diodes
logo
Guangdong Kexin Industr...
BAT54HT1 KEXIN-BAT54HT1 Datasheet
35Kb / 1P
Schottky Barrier Diodes
logo
SUNMATE electronic Co.,...
BAT54HT1 SUNMATE-BAT54HT1 Datasheet
323Kb / 2P
200mA Surface Mount Schottky Barrier Diodes
logo
Fairchild Semiconductor
BAT54HT1G FAIRCHILD-BAT54HT1G Datasheet
106Kb / 4P
Small Signal Diode
More results

Similar Description - BAT54HT1

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZC2800E ZETEX-ZC2800E Datasheet
104Kb / 3P
SCHOTTKY BARRIER DIODES
logo
Leshan Radio Company
MMBD101LT1 LRC-MMBD101LT1 Datasheet
52Kb / 2P
Schottky Barrier Diodes
RB721Q LRC-RB721Q Datasheet
20Kb / 1P
SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAT54AWT1 ONSEMI-BAT54AWT1 Datasheet
49Kb / 4P
Schottky Barrier Diodes
October, 2005 ??Rev. 1
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Leshan Radio Company
LBAT54WT1 LRC-LBAT54WT1 Datasheet
89Kb / 3P
Schottky Barrier Diodes
logo
Fairchild Semiconductor
BAS40SL FAIRCHILD-BAS40SL_10 Datasheet
108Kb / 4P
Schottky Barrier Diodes
BAS70SL FAIRCHILD-BAS70SL_10 Datasheet
109Kb / 4P
Schottky Barrier Diodes
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com