Electronic Components Datasheet Search
  English  ▼

X  

HM5801 Datasheet(PDF) 13 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5801
Description  PMU for Portable Applications
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5801 Datasheet(HTML) 13 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM5801 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5801 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5801 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5801 Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5801 Datasheet HTML 13Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5801 Datasheet HTML 14Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5801 Datasheet HTML 15Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5801 Datasheet HTML 16Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5801 Datasheet HTML 17Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
LDO1 Load Transient Response (ILDO1=0mA to
200mA, VBAT=3.6V,Cldo1_out=1uF)
LDO1 Load Transient Respon se (ILDO1=50mA to 200mA,
VBAT=3.6V,Cldo1_out=1uF)
APPLICATION INFORMATION
Battery Charger
Adjusting Charging Current
The charging current is programmed using 1%
precision resistor from PROG pin to ground. When
USB supply the
HM5801 and AC-IN is low level
voltage, the charging current and the programming
resistor are calculated by the following equations:
RPROG=470V/ICHG,
ICHG=470V/RPROG
When Adapter
alone or both Adapter and USB
supply the
HM5801, or USB alone but AC-IN is
connected to high level voltage, the charging current
and the programming resistor are calculated using the
following equations:
RPROG=750V/ICHG,
ICHG=750V/RPROG
Thermal limiting
An internal thermal feedback loop reduces the
programmed charge current if the die temperature
attempts to rise above a preset value of approximately
120℃. This feature protects the
HM5801 from excessive
temperature and allows the user to push the limits of the
power handling capability of a given circuit board
without risk of damaging the
HM5801.
The conditions that cause the
HM5801 to reduce charge
current through thermal feedback can be approximated
by considering the power dissipated in the IC. Nearly
all of this power dissipation is generated by the internal
MOSFET—this is calculated to be approximately:
PD = (VCHGIN – VBAT) • IBAT
Where PD is the power dissipated
VCHGIN is the input supply voltage
VBAT is the battery voltage
PMU for Portable Applications
HM5801



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com