Electronic Components Datasheet Search
  English  ▼

X  

HM5809 Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5809
Description  Mobile power single chip solution
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5809 Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5809 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5809 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5809 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5809 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5809 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5809 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5809 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
功能框图
Linear
Charger
Protection
Boost
Control
Feedback
REF&BIAS
Logic
Control
KEY
LX
OUT
GND
BAT
OSC
LED Driver
LED1 LED2
 
电性参数
极限参数(注1)
参数
最小值
最大值
单位
引脚电压
-0.3
+6
V
储存环境温度
-65
150
℃
工作环境温度
-40
85
℃
工作结温范围
-40
150
℃
HBM(人体放电模型)
2K
-
V
MM(机器放电模型)
200
-
V
注1:最大极限值是指超出该工作范围芯片可能会损坏。
推荐工作条件
输入电压----------------------------------
2.9V to 5.5V
工作结温范围---------------------------
-40
to 125
℃℃
环境温度范围---------------------------
-20℃ to 85℃
 
  
移动电源单芯片解决方案



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com