Electronic Components Datasheet Search
  English  ▼

X  

RM9003T Datasheet(PDF) 1 Page - Shaanxi Reactor Microelectronics Co., Ltd.

Part # RM9003T
Description  High-voltage linear 220V/30W flood light solution
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.

RM9003T Datasheet(HTML) 1 Page - Shaanxi Reactor Microelectronics Co., Ltd.

  RM9003T Datasheet HTML 1Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM9003T Datasheet HTML 2Page - Shaanxi  Reactor  Microelectronics  Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RM9003T
高压线性 220V/30W 投光灯方案
陕西亚成微电子股份有限公司
Rev 2016.11
http: // www.reactor-micro.com
产品概述:
RM9003T 是单通道 LED 恒流驱动控制芯片,可直接驱动高压 LED 灯串,输出电流由外接 SENSE 电阻
设置为 5mA~60mA,且输出电流恒定在设定值。
RM9003T 系统结构简单,外围元器件极少。外围电路无需磁性元件,多芯片并联应用,芯片可与 LED 共
用 PCB 板,LED 电流可外部设定。
RM9003T 应用线路无 EMI 问题,内置 400V 高压 MOS,具有过温调节能力。
RM9003T 采用 TO-252 封装。
系统规格:
30W/120mA
PCB:
输入电压
220Vac
输出电流
120mA
输出电压
189V
恒流精度
<±3%
效率
>75%
PF
>0.9
拓扑结构
高压线性
典型应用:
图 1
系统应用原理图
1
1
2
2
3
3
4
4
D
D
C
C
B
B
A
A
Title
Number
Revision
Size
A4
Date:
2016/5/25
Sheet
of
File:
G:\产品应用资料\..\220V-30W-投光灯-RM9003T 版方案.SchDoc
Drawn By:
AC
1
AC
2
V+
3
V-
4
BD1
MB10F
CS
GND
D
U2
RM9003T
R2
20R-1%
GND
L
N
LED1
3V/0.5W
LED63
3V/0.5W
GND
LED1,LED2----LED63
CS
GND
D
U3
RM9003T
R3
20R-1%
CS
GND
D
U1
RM9003T
R1
20R-1%
F1
3A/250V
RV
7D471
C2
10nF/1000V
C1
10nF/1000V
C3
10nF/1000V


Similar Part No. - RM9003T

ManufacturerPart #DatasheetDescription
logo
Shaanxi Reactor Micro...
RM9003T REACTOR-RM9003T Datasheet
163Kb / 2P
High-voltage linear 220V/9W bulb lamp solution
RM9003T REACTOR-RM9003T Datasheet
197Kb / 2P
High-voltage linear 120V/9W bulb lamp solution
RM9003T REACTOR-RM9003T Datasheet
195Kb / 2P
High-voltage linear 120V/9W high PF bulb lamp solution
RM9003T REACTOR-RM9003T Datasheet
189Kb / 2P
High-voltage linear 220V/100W flood light solution
RM9003T REACTOR-RM9003T Datasheet
168Kb / 2P
High-voltage linear E27/120V/ 4W/25mA filament lamp solution
More results

Similar Description - RM9003T

ManufacturerPart #DatasheetDescription
logo
Shaanxi Reactor Micro...
RM9000B REACTOR-RM9000B Datasheet
210Kb / 2P
High-voltage linear 220V/30W flood light solution
RM9001A_12W REACTOR-RM9001A_12W Datasheet
250Kb / 2P
High-voltage linear 220V/12W flood light solution
RM9001A_30W REACTOR-RM9001A_30W Datasheet
302Kb / 2P
High-voltage linear 220V/30W flood light solution
RM9026A_50W REACTOR-RM9026A_50W Datasheet
208Kb / 2P
High voltage linear 120/220V 50W full voltage flood light solution
RM9001D REACTOR-RM9001D Datasheet
436Kb / 2P
High-voltage linear 220V/10W flood light solution
RM9001D REACTOR-RM9001D_1 Datasheet
527Kb / 2P
High-voltage linear 220V/70W flood light solution
RM9001D REACTOR-RM9001D_2 Datasheet
496Kb / 2P
High-voltage linear 220V/50W flood light solution
RM9001D REACTOR-RM9001D_3 Datasheet
501Kb / 2P
High-voltage linear 220V/30W flood light solution
RM9001D REACTOR-RM9001D_4 Datasheet
499Kb / 2P
High-voltage linear 220V/20W flood light solution
RM9003T REACTOR-RM9003T_4 Datasheet
189Kb / 2P
High-voltage linear 220V/100W flood light solution
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com