Electronic Components Datasheet Search
  English  ▼

X  

6058291 Datasheet(PDF) 2 Page - SICK AG

Part # 6058291
Description  Plug connectors and cables
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6058291 Datasheet(HTML) 2 Page - SICK AG

  6058291 Datasheet HTML 1Page - SICK AG 6058291 Datasheet HTML 2Page - SICK AG 6058291 Datasheet HTML 3Page - SICK AG 6058291 Datasheet HTML 4Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
DOL-1204-G02MRN
Ordering information
Type
Part no.
DOL-1204-G02MRN
6058291
Other models and accessories
www.sick.com/
Detailed technical data
Technical specifications
Accessory group
Plug connectors and cables
Accessory family
Connecting cables
Connection type head A
Female connector, M12, 4-pin, straight
Connection type head B
Flying leads
Connection type
Flying leads
Connector material
PP
Connector color
Gray
Locking nut material
Stainless steel (V4A/1.4404)
Tightening torque
1 Nm
Cable
2 m, 4-wire, PP
Jacket material
PP 1)
Jacket color
Gray
Cable diameter
4.6 mm
Conductor cross-section
0.34 mm²
Shielding
Unshielded
Bending radius
Flexible use > 10 x cable diameter
Stationary position > 5 x cable diameter
Bending cycles
≥ 4,000,000
Reference voltage
≤ 250 V
Rated impulse voltage
2.5 kV
Current loading
4 A
Torsion force
180° / 1 m
Application
Hygienic and washdown zones
Drag chain operation
Note
This product is generally resistant to chemical cleaning agents (see ECOLAB) and other chem-
ical compounds such as H2O2 and CH2O2. Before permanent installation is carried out, the
material's resistance to the cleaning agent being used must be checked. 2)
1) Silicone-free, halogen-free, LABS-free.
2) Tested detergent: P3-topactive DES, P3-topactive 200, P3-topax 52, P3-topax 66 und P3-topax 91.
2
| SICK
Online data sheet | 2019-01-29 21:21:18
Subject to change without notice



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com