Electronic Components Datasheet Search
  English  ▼

X  

3205S Datasheet(PDF) 4 Page - KIA Semiconductor Technology

Part # 3205S
Description  130A竊?0V N-CHANNEL MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology

3205S Datasheet(HTML) 4 Page - KIA Semiconductor Technology

  3205S Datasheet HTML 1Page - KIA Semiconductor Technology 3205S Datasheet HTML 2Page - KIA Semiconductor Technology 3205S Datasheet HTML 3Page - KIA Semiconductor Technology 3205S Datasheet HTML 4Page - KIA Semiconductor Technology 3205S Datasheet HTML 5Page - KIA Semiconductor Technology 3205S Datasheet HTML 6Page - KIA Semiconductor Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
130A,60V
N-CHANNEL MOSFET
KIA
SEMICONDUCTORS
3205S
KIA
SEMICONDUCTORS
KIA
SEMICONDUCTORS
7.Test circuits and waveforms
4 of6
Rev 1.2 Sept 2015



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com